Electronic Components Datasheet Search
  English  ▼

X  

P89LPC924FDH Datasheet(PDF) 44 Page - NXP Semiconductors

Part # P89LPC924FDH
Description  8-bit microcontrollers with accelerated two-clock 80C51 core 4 kB/8 kB 3 V low-power Flash with 8-bit A/D converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC924FDH Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button P89LPC924FDH Datasheet HTML 40Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 41Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 42Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 43Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 44Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 45Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 46Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 47Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
Philips Semiconductors
P89LPC924/925
8-bit microcontrollers with accelerated two-clock 80C51 core
Product data
Rev. 03 — 15 December 2004
44 of 49
9397 750 14471
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Fig 12. Shift register mode timing.
0
1
23
45
6
7
Valid
Valid
Valid
Valid
Valid
Valid
Valid
Valid
tXLXL
002aaa425
Set TI
Set RI
tXHQX
tQVXH
tXHDV
tXHDX
Clock
Output Data
Write to SBUF
Input Data
Clear RI
Fig 13. External clock timing.
tCHCL
tCLCX
tCHCX
tC
tCLCH
002aaa416
0.2 VDD + 0.9
0.2 VDD - 0.1 V
VDD - 0.5 V
0.45 V
Table 11:
AC characteristics, ISP entry mode
VDD = 2.4 V to 3.6 V, unless otherwise specified.
Tamb = −40 °Cto+85 °C for industrial, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tVR
RST delay from VDD active
50
-
-
µs
tRH
RST HIGH time
1
-
32
µs
tRL
RST LOW time
1
-
-
µs
Fig 14. ISP entry waveform.
002aaa426
VDD
RST
tRL
tVR
tRH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com