Electronic Components Datasheet Search
  English  ▼

X  

P89LPC924FDH Datasheet(PDF) 8 Page - NXP Semiconductors

Part # P89LPC924FDH
Description  8-bit microcontrollers with accelerated two-clock 80C51 core 4 kB/8 kB 3 V low-power Flash with 8-bit A/D converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC924FDH Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button P89LPC924FDH Datasheet HTML 4Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 5Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 6Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 7Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 8Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 9Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 10Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 11Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
Philips Semiconductors
P89LPC924/925
8-bit microcontrollers with accelerated two-clock 80C51 core
Product data
Rev. 03 — 15 December 2004
8 of 49
9397 750 14471
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
[1]
Input/Output for P1.0-P1.4, P1.6, P1.7. Input for P1.5.
6.
Logic symbol
P3.0 - P3.1
7, 6
I/O
Port 3: Port 3 is an 2-bit I/O port with a user-configurable output type. During reset
Port 3 latches are configured in the input only mode with the internal pull-up disabled.
The operation of Port 3 pins as inputs and outputs depends upon the port configuration
selected. Each port pin is configured independently. Refer to Section 8.13.1 “Port
configurations” and Table 8 “DC electrical characteristics” for details.
All pins have Schmitt triggered inputs.
Port 3 also provides various special functions as described below:
7
I/O
P3.0 — Port 3 bit 0.
O
XTAL2 — Output from the oscillator amplifier (when a crystal oscillator option is
selected via the FLASH configuration.
O
CLKOUT — CPU clock divided by 2 when enabled via SFR bit (ENCLK - TRIM.6). It
can be used if the CPU clock is the internal RC oscillator, watchdog oscillator or
external clock input, except when XTAL1/XTAL2 are used to generate clock source for
the real time clock/system timer.
6
I/O
P3.1 — Port 3 bit 1.
I
XTAL1 — Input to the oscillator circuit and internal clock generator circuits (when
selected via the FLASH configuration). It can be a port pin if internal RC oscillator or
watchdog oscillator is used as the CPU clock source, and if XTAL1/XTAL2 are not used
to generate the clock for the real time clock/system timer.
VSS
5I
Ground: 0 V reference.
VDD
15
I
Power Supply: This is the power supply voltage for normal operation as well as Idle
and Power Down modes.
Table 3:
Pin description…continued
Symbol
Pin
Type
Description
Fig 3.
Logic symbol.
VDD
VSS
TxD
RxD
T0
INT0
INT1
RST
SCL
SDA
002aaa789
CMP2
CIN2B
CIN2A
CIN1B
CIN1A
CMPREF
CMP1
T1
XTAL2
XTAL1
KBI0
KBI1
KBI2
KBI3
KBI4
AD10
AD11
AD12
AD13
DAC1
KBI5
KBI6
KBI7
CLKOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com