Electronic Components Datasheet Search
  English  ▼

X  

P89LPC924FDH Datasheet(PDF) 10 Page - NXP Semiconductors

Part # P89LPC924FDH
Description  8-bit microcontrollers with accelerated two-clock 80C51 core 4 kB/8 kB 3 V low-power Flash with 8-bit A/D converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC924FDH Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button P89LPC924FDH Datasheet HTML 6Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 7Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 8Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 9Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 10Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 11Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 12Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 13Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Table 4:
Special function registers
* indicates SFRs that are bit addressable.
Name
Description
SFR
addr.
Bit functions and addresses
Reset value
MSB
LSB
Hex
Binary
Bit address
E7
E6
E5
E4
E3
E2
E1
E0
ACC*
Accumulator
E0H
00
00000000
ADCON1
A/D control register 1
97H
ENBI1
ENADCI
1
TMM1
EDGE1
ADCI1
ENADC1
ADCS11
ADCS10 00
00000000
ADINS
A/D input select
A3H
ADI13
ADI12
ADI11
ADI10
-
-
-
-
00
00000000
ADMODA
A/D mode register A
C0H
BNDI1
BURST1
SCC1
SCAN1
-
-
-
-
00
00000000
ADMODB
A/D mode register B
A1H
CLK2
CLK1
CLK0
-
ENDAC1
-
BSA1
-
00
000x0000
AD1BH
A/D_1 boundary high register
C4H
FF
11111111
AD1BL
A/D_1 boundary low register
BCH
00
00000000
AD1DAT0
A/D_1 data register 0
D5H
00
00000000
AD1DAT1
A/D_1 data register 1
D6H
00
00000000
AD1DAT2
A/D_1 data register 2
D7H
00
00000000
AD1DAT3
A/D_1 data register 3
F5H
00
00000000
AUXR1
Auxiliary function register
A2H
CLKLP
EBRR
ENT1
ENT0
SRST
0
-
DPS
00[1]
000000x0
Bit address
F7
F6
F5
F4
F3
F2
F1
F0
B*
B register
F0H
00
00000000
BRGR0[2]
Baud rate generator rate
LOW
BEH
00
00000000
BRGR1[2]
Baud rate generator rate
HIGH
BFH
00
00000000
BRGCON
Baud rate generator control
BDH
-
-
-
-
-
-
SBRGS
BRGEN
00
xxxxxx00
CMP1
Comparator 1 control register
ACH
-
-
CE1
CP1
CN1
OE1
CO1
CMF1
00[1]
xx000000
CMP2
Comparator 2 control register
ADH
-
-
CE2
CP2
CN2
OE2
CO2
CMF2
00[1]
xx000000
DIVM
CPU clock divide-by-M
control
95H
00
00000000
DPTR
Data pointer (2 bytes)
DPH
Data pointer HIGH
83H
00
00000000
DPL
Data pointer LOW
82H
00
00000000
FMADRH
Program Flash address HIGH
E7H
00
00000000
FMADRL
Program Flash address LOW
E6H
00
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com