Electronic Components Datasheet Search
  English  ▼

X  

P89LPC924FDH Datasheet(PDF) 17 Page - NXP Semiconductors

Part # P89LPC924FDH
Description  8-bit microcontrollers with accelerated two-clock 80C51 core 4 kB/8 kB 3 V low-power Flash with 8-bit A/D converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC924FDH Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button P89LPC924FDH Datasheet HTML 13Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 14Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 15Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 16Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 17Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 18Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 19Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 20Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
Philips Semiconductors
P89LPC924/925
8-bit microcontrollers with accelerated two-clock 80C51 core
Product data
Rev. 03 — 15 December 2004
17 of 49
9397 750 14471
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.6 CPU Clock (CCLK) wake-up delay
The P89LPC924/925 has an internal wake-up timer that delays the clock until it
stabilizes depending to the clock source used. If the clock source is any of the three
crystal selections (low, medium and high frequencies) the delay is 992 OSCCLK
cycles plus 60 to 100
µs. If the clock source is either the internal RC oscillator,
watchdog oscillator, or external clock, the delay is 224 OSCCLK cycles plus
60 to 100
µs.
8.7 CPU Clock (CCLK) modification: DIVM register
The OSCCLK frequency can be divided down up to 510 times by configuring a
dividing register, DIVM, to generate CCLK. This feature makes it possible to
temporarily run the CPU at a lower rate, reducing power consumption. By dividing the
clock, the CPU can retain the ability to respond to events that would not exit Idle
mode by executing its normal program at a lower rate. This can also allow bypassing
the oscillator start-up time in cases where Power-down mode would otherwise be
used. The value of DIVM may be changed by the program at any time without
interrupting code execution.
8.8 Low power select
The P89LPC924/925 is designed to run at 18 MHz (CCLK) maximum. However, if
CCLK is 8 MHz or slower, the CLKLP SFR bit (AUXR1.7) can be set to ‘1’ to lower the
power consumption further. On any reset, CLKLP is ‘0’ allowing highest performance
access. This bit can then be set in software if CCLK is running at 8 MHz or slower.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com