Electronic Components Datasheet Search
  English  ▼

X  

P89LPC924FDH Datasheet(PDF) 20 Page - NXP Semiconductors

Part # P89LPC924FDH
Description  8-bit microcontrollers with accelerated two-clock 80C51 core 4 kB/8 kB 3 V low-power Flash with 8-bit A/D converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC924FDH Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button P89LPC924FDH Datasheet HTML 16Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 17Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 18Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 19Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 20Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 21Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 22Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 23Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
Philips Semiconductors
P89LPC924/925
8-bit microcontrollers with accelerated two-clock 80C51 core
Product data
Rev. 03 — 15 December 2004
20 of 49
9397 750 14471
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
channels have been converted. The process will repeat starting with the first selected
channel. Additional conversion results will again cycle through the four result
registers, overwriting the previous results. Continous conversions continue until
terminated by the user.
Dual channel, continuous conversion mode: This is a variation of the auto scan
continuous conversion mode where conversion occurs on two user-selectable inputs.
The result of the conversion of the first channel is placed in result register, AD1DAT0.
The result of the conversion of the second channel is placed in result register,
AD1DAT1. The first channel is again converted and its result stored in AD1DAT2. The
second channel is again converted and its result placed in AD1DAT3. An interrupt is
generated, if enabled, after every set of four conversions (two conversions per
channel).
Single step mode: This special mode allows ‘single-stepping’ in an auto scan
conversion mode. Any combination of the four input channels can be selected for
conversion. After each channel is converted, an interrupt is generated, if enabled,
and the A/D waits for the next start condition. May be used with any of the start
modes.
8.9.4
Conversion start modes
Timer triggered start: An A/D conversion is started by the overflow of Timer 0. Once
a conversion has started, additional Timer 0 triggers are ignored until the conversion
has completed. The Timer triggered start mode is available in all A/D operating
modes.
Start immediately: Programming this mode immediately starts a conversion. This
start mode is available in all A/D operating modes.
Edge triggered: An A/D conversion is started by rising or falling edge of P1.4. Once
a conversion has started, additional edge triggers are ignored until the conversion
has completed. The edge triggered start mode is available in all A/D operating
modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com