Electronic Components Datasheet Search
  English  ▼

X  

P89LPC924FDH Datasheet(PDF) 45 Page - NXP Semiconductors

Part # P89LPC924FDH
Description  8-bit microcontrollers with accelerated two-clock 80C51 core 4 kB/8 kB 3 V low-power Flash with 8-bit A/D converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC924FDH Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button P89LPC924FDH Datasheet HTML 41Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 42Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 43Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 44Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 45Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 46Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 47Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 48Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 49Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
Philips Semiconductors
P89LPC924/925
8-bit microcontrollers with accelerated two-clock 80C51 core
Product data
Rev. 03 — 15 December 2004
45 of 49
9397 750 14471
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
12. Comparator electrical characteristics
[1]
This parameter is characterized, but not tested in production.
13. A/D converter electrical characteristics
Table 12:
Comparator electrical characteristics
VDD = 2.4 V to 3.6 V, unless otherwise specified.
Tamb = −40 °Cto+85 °C for industrial, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIO
offset voltage comparator inputs
-
-
±20
mV
VCR
common mode range comparator inputs
0
-
VDD − 0.3
V
CMRR
common mode rejection ratio
[1]
--
−50
dB
response time
-
250
500
ns
comparator enable to output valid
-
-
10
µs
IIL
input leakage current, comparator
0 < VIN <VDD
--
±10
µA
Table 13:
A/D converter electrical characteristics
VDD = 2.4 V to 3.6 V, unless otherwise specified.
Tamb = −40 °Cto+85 °C for industrial, unless otherwise specified.
All limits valid for an external source impedance of less than 10 k
Ω.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
AVIN
analog input voltage
VSS − 0.2 -
VSS + 0.2
V
CIA
analog input capacitance
-
-
15
pF
DNL
differential non-linearity
-
-
±1
LSB
INL
integral non-linearity
-
-
±1
LSB
OSe
offset error
-
-
±2
LSB
Ge
gain error
-
-
±1%
Tue
total unadjusted error
-
-
±2
LSB
MCTC
channel-to-channel matching
-
-
±1
LSB
αct(port)
crosstalk between port inputs
0 to 100 kHz
-
-
−60
dB
SRin
input slew rate
-
-
100
V/ms
tADC
conversion time
A/D enabled
-
-
13
ADC
clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com