Electronic Components Datasheet Search
  English  ▼

X  

P89LPC924FDH Datasheet(PDF) 12 Page - NXP Semiconductors

Part # P89LPC924FDH
Description  8-bit microcontrollers with accelerated two-clock 80C51 core 4 kB/8 kB 3 V low-power Flash with 8-bit A/D converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC924FDH Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button P89LPC924FDH Datasheet HTML 8Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 9Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 10Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 11Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 12Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 13Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 14Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 15Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
P0*
Port 0
80H
T1/KB7
CMP1
/KB6
CMPREF
/KB5
CIN1A
/KB4
CIN1B
/KB3
CIN2A
/KB2
CIN2B
/KB1
CMP2
/KB0
[1]
Bit address
97
96
95
94
93
92
91
90
P1*
Port 1
90H
-
-
RST
INT1
INT0/
SDA
T0/SCL
RXD
TXD
[1]
Bit address
B7
B6
B5
B4
B3
B2
B1
B0
P3*
Port 3
B0H
-
-
-
-
-
-
XTAL1
XTAL2
[1]
P0M1
Port 0 output mode 1
84H
(P0M1.7) (P0M1.6) (P0M1.5) (P0M1.4) (P0M1.3) (P0M1.2) (P0M1.1) (P0M1.0) FF
11111111
P0M2
Port 0 output mode 2
85H
(P0M2.7) (P0M2.6) (P0M2.5) (P0M2.4) (P0M2.3) (P0M2.2) (P0M2.1) (P0M2.0) 00
00000000
P1M1
Port 1 output mode 1
91H
(P1M1.7) (P1M1.6)
-
(P1M1.4) (P1M1.3) (P1M1.2) (P1M1.1) (P1M1.0) D3[1]
11x1xx11
P1M2
Port 1 output mode 2
92H
(P1M2.7) (P1M2.6)
-
(P1M2.4) (P1M2.3) (P1M2.2) (P1M2.1) (P1M2.0) 00[1]
00x0xx00
P3M1
Port 3 output mode 1
B1H
-
-
-
-
-
-
(P3M1.1) (P3M1.0) 03[1]
xxxxxx11
P3M2
Port 3 output mode 2
B2H
-
-
-
-
-
-
(P3M2.1) (P3M2.0) 00[1]
xxxxxx00
PCON
Power control register
87H
SMOD1
SMOD0
BOPD
BOI
GF1
GF0
PMOD1
PMOD0
00
00000000
PCONA
Power control register A
B5H
RTCPD
-
VCPD
ADPD
I2PD
-
SPD
-
00[1]
00000000
Bit address
D7
D6
D5
D4
D3
D2
D1
D0
PSW*
Program status word
D0H
CY
AC
F0
RS1
RS0
OV
F1
P
00H
00000000
PT0AD
Port 0 digital input disable
F6H
-
-
PT0AD.5
PT0AD.4
PT0AD.3
PT0AD.2
PT0AD.1
-
00H
xx00000x
RSTSRC
Reset source register
DFH
-
-
BOF
POF
R_BK
R_WD
R_SF
R_EX
[3]
RTCCON
Real-time clock control
D1H
RTCF
RTCS1
RTCS0
-
-
-
ERTC
RTCEN
60[1][6]
RTCH
Real-time clock register
HIGH
D2H
00[6]
00000000
RTCL
Real-time clock register LOW
D3H
00[6]
00000000
SADDR
Serial port address register
A9H
00
00000000
SADEN
Serial port address enable
B9H
00
00000000
SBUF
Serial Port data buffer
register
99H
xx
xxxxxxxx
Bit address
9F
9E
9D
9C
9B
9A
99
98
SCON*
Serial port control
98H
SM0/FE
SM1
SM2
REN
TB8
RB8
TI
RI
00
00000000
Table 4:
Special function registers…continued
* indicates SFRs that are bit addressable.
Name
Description
SFR
addr.
Bit functions and addresses
Reset value
MSB
LSB
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com