Electronic Components Datasheet Search
  English  ▼

X  

AC16FSM Datasheet(PDF) 57 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 57 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 53Page - Teccor Electronics AC16FSM Datasheet HTML 54Page - Teccor Electronics AC16FSM Datasheet HTML 55Page - Teccor Electronics AC16FSM Datasheet HTML 56Page - Teccor Electronics AC16FSM Datasheet HTML 57Page - Teccor Electronics AC16FSM Datasheet HTML 58Page - Teccor Electronics AC16FSM Datasheet HTML 59Page - Teccor Electronics AC16FSM Datasheet HTML 60Page - Teccor Electronics AC16FSM Datasheet HTML 61Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 223 page
background image
Data Sheets
Sensitive SCRs
©2002 Teccor Electronics
E5 - 3
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
.
See “General Notes” on page E5 - 4 and “Electrical Specifications Notes” on page E5 - 5
VGT
IH
IGM
VGRM
PGM
PG(AV)
ITSM
dv/dt
di/dt
tgt
tq
l2t
(4) (12) (22)
Volts
(5) (15)
(16) (19)
mAmps
(17)
Amps
Volts
(17)
Watts
Watts
(6) (7) (13)
Amps
Volts/µSec
Amps/µSec
(8)
µSec
(9)
µSec
Amps2/Sec
TC or TL =
-40 °C
TC or TL =
25 °C
TC or TL =
110 °C
60/50 Hz
MAX
MAX
MIN
MIN
TYP (23)
TYP
MAX
1.2
0.8
0.2
5
1
5
1
0.1
20/16
20
50
2
60
1.6
1.2
0.8
0.2
5
1
5
1
0.1
20/16
20
50
2
60
1.6
1.2
0.8
0.2
5
1
5
1
0.1
20/16
10
50
2
60
1.6
1.2
0.8
0.25
5
1
5
1
0.1
20/16
25
50
3
60
1.6
1.2
0.8
0.25
5
1
5
1
0.1
20/16
25
50
3
60
1.6
1.2
0.8
0.25
5
1
5
1
0.1
20/16
10
50
3
60
1.6
1.2
0.8
0.25
5
1
5
1
0.1
20/16
30
50
4
50
1.6
1.2
0.8
0.25
5
1
5
1
0.1
20/16
30
50
4
50
1.6
1.2
0.8
0.25
5
1
5
1
0.1
20/16
15
50
4
50
1.6
1.2
0.8
0.25
8
1
5
1
0.1
20/16
40
50
5
45
1.6
1.2
0.8
0.25
8
1
5
1
0.1
20/16
40
50
5
45
1.6
1.2
0.8
0.25
8
1
5
1
0.1
20/16
20
50
5
45
1.6
1.2
0.8
0.25
5
1
5
1
0.1
20/16
30
50
3.5
50
1.6
1.2
0.8
0.25
5
1
5
1
0.1
20/16
30
50
3.5
50
1.6
1.2
0.8
0.25
5
1
5
1
0.1
20/16
15
50
3.5
50
1.6
1.2
0.8
0.2
5
1
5
1
0.1
20/16
20
50
2
60
1.6
1.2
0.8
0.2
5
1
5
1
0.1
20/16
20
50
2
60
1.6
1.2
0.8
0.2
5
1
5
1
0.1
20/16
10
50
2
60
1.6
1.2
0.8
0.25
5
1
5
1
0.1
20/16
25
50
3
60
1.6
1.2
0.8
0.25
5
1
5
1
0.1
20/16
25
50
3
60
1.6
1.2
0.8
0.25
5
1
5
1
0.1
20/16
10
50
3
60
1.6
1.2
0.8
0.25
8
1
5
1
0.1
20/16
40
50
5
45
1.6
1.2
0.8
0.25
8
1
5
1
0.1
20/16
40
50
5
45
1.6
1.2
0.8
0.25
8
1
5
1
0.1
20/16
20
50
5
45
1.6
1.2
0.8
0.25
5
1
5
1
0.1
20/16
25
50
2.2
60
1.6
1.2
0.8
0.25
5
1
6
1
0.1
20/16
25
50
2.2
60
1.6
1
0.8
0.25
5161
0.1
20/16
60
50
3.5
50
1.6
1
0.8
0.25
5161
0.1
20/16
40
50
3.5
50
1.6
1
0.8
0.25
5161
0.1
20/16
30
50
3.5
50
1.6
1
0.8
0.2
5
1
6
1
0.1
20/16
8
50
4
50
1.6
1
0.8
0.2
5
1
6
1
0.1
20/16
8
50
4
50
1.6
1
0.8
0.2
5
1
6
1
0.1
20/16
8
50
4
50
1.6
1
0.8
0.2
6
1
6
1
0.1
20/16
8
50
5
45
1.6
1
0.8
0.2
6
1
6
1
0.1
20/16
8
50
5
45
1.6
1
0.8
0.2
6
1
6
1
0.1
20/16
8
50
5
45
1.6
1
0.8
0.2
4
1
6
1
0.1
30/25
8
50
3
50
3.7
1
0.8
0.2
4
1
6
1
0.1
30/25
8
50
3
50
3.7
1
0.8
0.2
4
1
6
1
0.1
30/25
8
50
3
50
3.7
1
0.8
0.2
6
1
6
1
0.1
30/25
8
50
4
50
3.7
1
0.8
0.2
6
1
6
1
0.1
30/25
8
50
4
50
3.7
1
0.8
0.2
6
1
6
1
0.1
30/25
8
50
4
50
3.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com