Electronic Components Datasheet Search
  English  ▼

X  

AC16FSM Datasheet(PDF) 81 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 81 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 77Page - Teccor Electronics AC16FSM Datasheet HTML 78Page - Teccor Electronics AC16FSM Datasheet HTML 79Page - Teccor Electronics AC16FSM Datasheet HTML 80Page - Teccor Electronics AC16FSM Datasheet HTML 81Page - Teccor Electronics AC16FSM Datasheet HTML 82Page - Teccor Electronics AC16FSM Datasheet HTML 83Page - Teccor Electronics AC16FSM Datasheet HTML 84Page - Teccor Electronics AC16FSM Datasheet HTML 85Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 223 page
background image
©2002 Teccor Electronics
E7 - 3
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
Data Sheets
Rectifiers
Figure E7.1 Instantaneous Forward Current versus Forward Voltage
(Typical)
Figure E7.2 Forward Power Dissipation (Typical)
Figure E7.3 Maximum Allowable Case Temperature versus
Average Forward Current
Figure E7.4 Peak Surge Forward Current versus Surge Current
Duration
0
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
20
40
60
80
100
120
140
Instantaneous Forward Voltage (v
F) – Volts
15 A Devices
T
C = 25˚C
20 A Devices
25 A Devices
16
12
0
2
4
6
8
101214
0
4
8
12
16
20
SINGLE PULSE RECTIFICATION
60 Hz SINE WAVE
20 A Devices
15 A Devices
25 A Devices
Average Forward Current [IF(AV)] – Amps
02468
10
12
14
0
70
75
80
85
90
95
100
105
110
115
120
125
20 A Devices
15 A Devices
Average Forward Current [I
F (AV)] – Amps
SUPPLY FREQUENCY: 60 Hz Sine Wave
LOAD: Resistive or Inductive
CASE TEMPERATURE:
Measured As Shown on Dimensional Drawing
16
25 A Devices
10
20
30
40
60
80
100
200
300
400
600
800
1000
1
2
4
6
10
20
40
60
100
200
400
600
1000
Surge Current Duration – Cycles
SUPPLY FREQUENCY: 60 Hz Sinewave
LOAD: Resistive or Inductive
RMS ON-STATE CURRENT: [IF(RMS)]
Maximium Rated Value at Specified
Case Temperature
15 A Devices
20 A Devices
25 A Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com