Electronic Components Datasheet Search
  English  ▼

X  

AC16FSM Datasheet(PDF) 77 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 77 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 73Page - Teccor Electronics AC16FSM Datasheet HTML 74Page - Teccor Electronics AC16FSM Datasheet HTML 75Page - Teccor Electronics AC16FSM Datasheet HTML 76Page - Teccor Electronics AC16FSM Datasheet HTML 77Page - Teccor Electronics AC16FSM Datasheet HTML 78Page - Teccor Electronics AC16FSM Datasheet HTML 79Page - Teccor Electronics AC16FSM Datasheet HTML 80Page - Teccor Electronics AC16FSM Datasheet HTML 81Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 223 page
background image
Data Sheets
SCRs
©2002 Teccor Electronics
E6 - 11
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
Figure E6.23 Peak Surge Current versus Surge Current Duration
Figure E6.24 Power Dissipation (Typical) versus RMS On-state Current
(1 A)
Figure E6.25 Power Dissipation (Typical) versus RMS On-state Current
(6 A through 20 A)
8
1
2
3
4
5
6
1000
10
20
30
40
50
60
80
100
200
300
400
500
600
800
1
23
5
4
6 7 8 10
20
30 40 60 80100
200 300400 600
1000
Surge Current Duration – Full Cycles
70 A De
vices
65 A TO-
218
55 A Devices
25 A
Devices
35 A
Devices
20 A
Devices
16 A
Devices
15 A
Devices
12 A Devices
10 A Dev
ices
1 A De
vices
SUPPLY FREQUENCY: 60 Hz Sinusoidal
LOAD: Resistive
RMS ON-STATE CURRENT: [IT(RMS)]: Max-
Rated Value at Specified Case Temperature
Notes:
1) Gate control may be lost during and
immediately following surge current
interval.
2) Overload may not be repeated until
junction temperature has returned to
steady-state rated value.
8 A Devices
6 A Devices
40 A Devi
ces
0
0.2
0.4
0.6
0.8
0
0.4
0.8
1.0
0.2
RMS On-state Current [I
T(RMS)] – Amps
CURRENT WAVEFORM: Half Sine Wave
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
1.0 A Devices
1.0
0.6
04
8
12
16
0
RMS On-state Current [I
T(RMS)] – Amps
CURRENT WAVEFORM: Half Sine Wave
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
2
6
10
14
18
2
4
6
8
10
12
14
16
18
20
15 A to 20 A Devices
12 A Devices
6 A to 10 A Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com