Electronic Components Datasheet Search
  English  ▼

X  

AC16FSM Datasheet(PDF) 85 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 85 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 81Page - Teccor Electronics AC16FSM Datasheet HTML 82Page - Teccor Electronics AC16FSM Datasheet HTML 83Page - Teccor Electronics AC16FSM Datasheet HTML 84Page - Teccor Electronics AC16FSM Datasheet HTML 85Page - Teccor Electronics AC16FSM Datasheet HTML 86Page - Teccor Electronics AC16FSM Datasheet HTML 87Page - Teccor Electronics AC16FSM Datasheet HTML 88Page - Teccor Electronics AC16FSM Datasheet HTML 89Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 223 page
background image
Data Sheets
Diac
2002 Teccor Electronics
E8 - 3
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
Figure E8.1 Typical Diac/Triac Full-wave Phase Control Circuit Using
Lower Voltage Diacs.
Figure E8.2 Repetitive Peak On-state Current versus Pulse Duration
120 V ac
60 Hz
LOAD — Up to 1500 W
3.3 k
200 k
0.1
µF
100 V
HT-35
Bilateral
Trigger
Diac
Triac
Q2015L5
MT2
MT1
G
12
4
6
200
400 6001000
2000
4000
10000
.001
.002
.003
.005
0.1
0.2
0.3
3.0
0.5
5.0
.01
0.02
0.03
0.05
1.0
10
2.0
Base Pulse Duration – µs
Safe Operating
Area
10
20
40 60 100
PULSE REPETITION RATE = 120 pps
TA = 40 ˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com