Electronic Components Datasheet Search
  English  ▼

X  

AC16FSM Datasheet(PDF) 92 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 92 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 88Page - Teccor Electronics AC16FSM Datasheet HTML 89Page - Teccor Electronics AC16FSM Datasheet HTML 90Page - Teccor Electronics AC16FSM Datasheet HTML 91Page - Teccor Electronics AC16FSM Datasheet HTML 92Page - Teccor Electronics AC16FSM Datasheet HTML 93Page - Teccor Electronics AC16FSM Datasheet HTML 94Page - Teccor Electronics AC16FSM Datasheet HTML 95Page - Teccor Electronics AC16FSM Datasheet HTML 96Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 223 page
background image
http://www.teccor.com
E9 - 6
©2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
Sidac
Data Sheets
Figure E9.15 Relaxation Oscillator Using a Sidac
Figure E9.16 Sidac Added to Protect Transistor for Typical Transistor Inductive Load Switching Requirements
V
DC(IN) ≥
V
B0
V
C
I
L
R
L
R
SIDAC
(a) Circuit
R
max ≤
V
IN
- V
BO
I
BO
R
min ≥
V
IN
- V
TM
I
H (MIN)
(b) Waveforms
V
BO
V
C
I
L
t
t
C
VCE Monitor
100 mH
IC Monitor
+
-
RS = 0.1 Ω
Test Circuit
VBB1 =10 V
+
-
VBB2 =0
RBB2 =
100
Ω
RBB1 =
150
Ω
2N6127
(or equivalent)
50
Ω
50
Ω
Input
(See Note B)
TIP-47
VCC = 20 V
Voltage and Current Waveforms
Input
Voltage
0 V
5 V
0.63 A
0
Sidac VBO
10 V
VCE(sat)
tw ≈ 3 ms
(See Note A)
Collector
Current
Collector
Voltage
100 ms
tw
Note A: Input pulse width is increased until ICM = 0.63 A.
Note B: Sidac (or Diac or series of Diacs) chosen so that VBO is just below VCEO rating of transistor to be protected.
The Sidac (or Diac) eliminates a reverse breakdown of the transistor in inductive switching circuits where otherwise the
transistor could be destroyed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com