Electronic Components Datasheet Search
  English  ▼

X  

AC16FSM Datasheet(PDF) 98 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 98 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 94Page - Teccor Electronics AC16FSM Datasheet HTML 95Page - Teccor Electronics AC16FSM Datasheet HTML 96Page - Teccor Electronics AC16FSM Datasheet HTML 97Page - Teccor Electronics AC16FSM Datasheet HTML 98Page - Teccor Electronics AC16FSM Datasheet HTML 99Page - Teccor Electronics AC16FSM Datasheet HTML 100Page - Teccor Electronics AC16FSM Datasheet HTML 101Page - Teccor Electronics AC16FSM Datasheet HTML 102Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 223 page
background image
Package Dimensions
Data Sheets
http://www.teccor.com
M1 - 6
2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
W Package — TO-218X
Non-isolated Mounting Tab Common with Center Lead
J Package — TO-218X
Isolated Mounting Tab
G Package — DO-15X
Axial Lead
G
R
Y
H
D
C
K
B
A
E
F
N
T
M
P
J
L
S
V
U DIA.
W
X
MT1 / Cathode
MT2 / Anode
W Package
MT2 / Anode
Tc
Measurement
Point
Gate
Note: Maximum torque to
be applied to mounting tab
is 8 in-lbs. (0.904 Nm).
Z
DIM
INCHES
MILLIMETERS
MIN
MAX
MIN
MAX
A
0.810
0.835
20.57
21.21
B
0.610
0.630
15.49
16.00
C
0.178
0.188
4.52
4.78
D
0.055
0.070
1.40
1.78
E
0.487
0.497
12.37
12.62
F
0.635
0.655
16.13
16.64
G
0.022
0.029
0.56
0.74
H
0.075
0.095
1.91
2.41
J
0.575
0.625
14.61
15.88
K
0.256
0.264
6.50
6.71
L
0.220
0.228
5.58
5.79
M
0.080
0.088
2.03
2.24
N
0.169
0.177
4.29
4.49
P
0.034
0.042
0.86
1.07
R
0.113
0.121
2.87
3.07
S
0.086
0.096
2.18
2.44
T
0.156
0.166
3.96
4.22
U
0.159
0.163
4.04
4.14
V
0.603
0.618
15.31
15.70
W
0.000
0.005
0.00
0.13
X
0.003
0.012
0.07
0.30
Y
0.028
0.032
0.71
0.81
Z
0.085
0.095
2.17
2.42
G
L
L
φD
φB2
TL Measuring Point
Dimension
Inches
Millimeters
MIN
MAX
MIN
MAX
φB2
0.027
0.035
0.686
0.889
φD
0.104
0.150
2.640
3.810
G
0.230
0.300
5.840
7.620
L
1.000
25.400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com