Electronic Components Datasheet Search
  English  ▼

X  

AC16FSM Datasheet(PDF) 101 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 101 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 97Page - Teccor Electronics AC16FSM Datasheet HTML 98Page - Teccor Electronics AC16FSM Datasheet HTML 99Page - Teccor Electronics AC16FSM Datasheet HTML 100Page - Teccor Electronics AC16FSM Datasheet HTML 101Page - Teccor Electronics AC16FSM Datasheet HTML 102Page - Teccor Electronics AC16FSM Datasheet HTML 103Page - Teccor Electronics AC16FSM Datasheet HTML 104Page - Teccor Electronics AC16FSM Datasheet HTML 105Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 223 page
background image
©2002 Teccor Electronics
M2 - 1
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
Lead Form Dimensions
M2
The TO-202AB, TO-220AB, and TO-92 package configurations,
because of their unique design, can be mounted in a variety of
methods, depending upon heat sink requirements and circuit
packaging methods. Any of the derived types shown in this sec-
tion are available as standard parts direct from the factory. Cus-
tom package variations are available. Consult the factory for
more information.
To designate lead form options, simply indicate the type number
at the end of the Teccor standard part number.
Example: Q2004F312 (Signifies Type 12)
Note: When ordering a TO-202 F package, include a 1 for stan-
dard full tab package. When ordering anything other than full tab,
remove the 1 and add the Lead Form Type.
See “Description of Part Numbers” in the Product Selection
Guide of this catalog for a complete description of Teccor part
numbers.
Lead Bending Specifications
Leads may be bent easily and may be bent to any desired angle,
provided that the bend is made at a minimum 0.063" (0.1 for
TO-218) away from the package body with a minimum radius of
0.032". DO-15X device leads may be bent with a minimum radius
of 0.050", and DO-35 device leads may be bent with a minimum
radius of 0.028". Leads should be held firmly between the pack-
age body and the bend, so that strain on the leads is not trans-
mitted to the package body.
When bending leads in the plane of the leads (spreading), bend
only the narrow part.
Sharp angle bends should be done only once, as repetitive bend-
ing will fatigue and break the leads.
M2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com