Electronic Components Datasheet Search
  English  ▼

X  

AC16FSM Datasheet(PDF) 50 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 50 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 46Page - Teccor Electronics AC16FSM Datasheet HTML 47Page - Teccor Electronics AC16FSM Datasheet HTML 48Page - Teccor Electronics AC16FSM Datasheet HTML 49Page - Teccor Electronics AC16FSM Datasheet HTML 50Page - Teccor Electronics AC16FSM Datasheet HTML 51Page - Teccor Electronics AC16FSM Datasheet HTML 52Page - Teccor Electronics AC16FSM Datasheet HTML 53Page - Teccor Electronics AC16FSM Datasheet HTML 54Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 223 page
background image
Alternistor Triacs
Data Sheets
http://www.teccor.com
E4 - 6
©2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
(10) See Figure E4.12 for tgt versus IGT.
(11) See package outlines for lead form configurations. When ordering
special lead forming, add type number as suffix to part number.
(12) Initial on-state current = 400 mA dc for 16 A to 40 A devices and
100 mA for 6 A to 12 A devices.
(13) See Figure E4.1 through Figure E4.4 for maximum allowable case
temperature at maximum rated current.
(14) Pulse width
≤10 µs; IGT ≤ IGTM
(15) For 6 A to 12 A devices, RL = 60
Ω; 16 A and above, RL = 30 Ω
(16) 40 A pin terminal leads on K package can run 100 °C to 125 °C.
(17) Alternistor does not turn on in Quadrant IV.
(18) TC = TJ for test conditions in off state
(19) IGT = 200 mA for 6 A to 12 A devices and 500 mA for 16 A to 40 A
devices with gate pulse having rise time of
≤0.1 µs.
(20) Minimum non-trigger VGT at 125 °C is 0.2 V.
Gate Characteristics
Teccor triacs may be turned on in the following ways:
•
In-phase signals (with standard AC line) using Quadrants I
and III
•
Application of unipolar pulses (gate always negative), using
Quadrants II and III with negative gate pulses
In all cases, if maximum surge capability is required, gate pulses
should be a minimum of one magnitude above minimum IGT rating
with a steep rising waveform (
≤1 µs rise time).
If QIV and QI operation is required (gate always positive), see
Figure AN1002.8, “Amplified Gate” Thyristor Circuit.
Definition of Quadrants
Electrical Isolation
Teccor’s isolated alternistor packages withstand a minimum high
potential test of 2500 V ac rms from leads to mounting tab, over
the operating temperature range of the device. The following iso-
lation table shows standard and optional isolation ratings.
* UL Recognized File E71639
** For 4000 V isolation, use V suffix in part number.
* UL Recognized Product per UL File E71639
** For 4000 V isolation, use V suffix in part number.
Electrical Isolation
from Leads to Mounting Tab *
VAC RMS
TO-218
Isolated
TO-220
Isolated
TO-218X
Isolated
2500
Standard
Standard
Standard
4000
N/A
Optional **
N/A
MT2 POSITIVE
(Positive Half Cycle)
MT2 NEGATIVE
(Negative Half Cycle)
MT1
MT2
+ I
GT
REF
QII
MT1
I
GT
GATE
MT2
REF
MT1
MT2
REF
MT1
MT2
REF
QI
QIV
QIII
ALL POLARITIES ARE REFERENCED TO MT1
(
-)
I
GT
GATE
(+)
I
GT -
I
GT
GATE
(
-)
I
GT
GATE
(+)
+
-
NOTE: Alternistors will not operate in QIV
Thermal Resistance (Steady State)
R θ JC [R θ JA] (TYP.) °C/W
Package Code
KJ
L
R
D
V
N
Type
TO-218
Isolated *
TO-218X
Isolated *
TO-220
Isolated **
TO-220
Non-Isolated
TO-252
D-Pak
TO-251
V-Pak
TO-263
D2Pak
6 A
3.3 [50]
1.80 [45]
2.1
2.3 [64]
1.80
8 A
2.8
1.50
1.8
2.1
1.50
10 A
2.6
1.30
1.30
12 A
2.3
1.20
1.20
16 A
2.1
1.10
1.10
25 A
1.35
1.32
2.0
0.87
0.87
30 A
2.3
35 A
0.85
40 A
0.97
0.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com