Electronic Components Datasheet Search
  English  ▼

X  

AC16FSM Datasheet(PDF) 144 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 144 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 140Page - Teccor Electronics AC16FSM Datasheet HTML 141Page - Teccor Electronics AC16FSM Datasheet HTML 142Page - Teccor Electronics AC16FSM Datasheet HTML 143Page - Teccor Electronics AC16FSM Datasheet HTML 144Page - Teccor Electronics AC16FSM Datasheet HTML 145Page - Teccor Electronics AC16FSM Datasheet HTML 146Page - Teccor Electronics AC16FSM Datasheet HTML 147Page - Teccor Electronics AC16FSM Datasheet HTML 148Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 223 page
background image
AN1004
Application Notes
http://www.teccor.com
AN1004 - 2
©2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
Figure AN1004.2
Lead Bending Method
When bending leads in the plane of the leads (spreading), bend
only the narrow part. Sharp angle bends should be done only
once as repetitive bending will fatigue and break the leads.
The mounting tab of the TO-202 package may also be bent or
formed into any convenient shape as long as it is held firmly
between the plastic case and the area to be formed or bent. With-
out this precaution, bending the tab may fracture the chip and
permanently damage the unit.
Heat Sinking
Use of the largest, most efficient heat sink as is practical and cost
effective extends device life and increases reliability. In the illus-
tration shown in Figure AN1004.3, each device is electrically iso-
lated.
Figure AN1004.3
Several Isolated TO-220 Devices Mounted to a
Common Heat Sink
Many power device failures are a direct result of improper
heat dissipation. Heat sinks with a mating area smaller than the
metal tab of the device are unacceptable. Heat sinking material
should be at least 0.062" thick to be effective and efficient.
Note that in all applications the maximum case temperature (TC)
rating of the device must not be exceeded. Refer to the individual
device data sheet rating curves (TC versus IT) as well as the indi-
vidual device outline drawings for correct TC measurement point.
Figure AN1004.4 through Figure AN1004.6 show additional
examples of acceptable heat sinks.
Figure AN1004.4
Examples of PC Board Mounts
Figure AN1004.5
Vertical Mount Heat Sink
Several types of vertical mount heat sinks are available. Keep
heat sink vertical for maximum convection.
Figure AN1004.6
Examples of Extruded Aluminum
When coupled with fans, extruded aluminum mounts have the
highest efficiency.
Heat Sinking Notes
Care should be taken not to mount heat sinks near other heat-
producing elements such as power resistors, because black
anodized heat sinks may absorb more heat than they dissipate.
Some heat sinks can hold several power devices. Make sure that
if they are in electrical contact to the heat sink, the devices do not
short-circuit the desired functions. Isolate the devices electrically
or move to another location. Recall that the mounting tab of Tec-
cor isolated TO-220 devices is electrically isolated so that several
devices may be mounted on the same heat sink without extra
insulating components. If using an external insulator such as
mica, with a thickness of 0.004", an additional thermal resistance
of 0.8° C/W for TO-220 or 0.5° C/W for TO-218 devices is added
to the RθJC device rating.
Incorrect
(A)
(B)
Correct
Heat Sink
Heat Sink
Printed
Circuit
Board
B
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com