Electronic Components Datasheet Search
  English  ▼

X  

AC16FSM Datasheet(PDF) 149 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 149 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 145Page - Teccor Electronics AC16FSM Datasheet HTML 146Page - Teccor Electronics AC16FSM Datasheet HTML 147Page - Teccor Electronics AC16FSM Datasheet HTML 148Page - Teccor Electronics AC16FSM Datasheet HTML 149Page - Teccor Electronics AC16FSM Datasheet HTML 150Page - Teccor Electronics AC16FSM Datasheet HTML 151Page - Teccor Electronics AC16FSM Datasheet HTML 152Page - Teccor Electronics AC16FSM Datasheet HTML 153Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 223 page
background image
©2002 Teccor Electronics
AN1005 - 1
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
5AN1005
Surface Mount Soldering Recommendations
Introduction
The most important consideration in reliability is achieving a good
solder bond between surface mount device (SMD) and substrate
since the solder provides the thermal path from the chip. A good
bond is less subject to thermal fatiguing and will result in
improved device reliability.
The most economic method of soldering is a process in which all
different components are soldered simultaneously, such as
DO-214, Compak, TO-252 devices, capacitors, and resistors.
Reflow Of Soldering
The preferred technique for mounting microminiature compo-
nents on hybrid thick- and thin-film is reflow soldering.
The DO-214 is designed to be mounted directly to or on thick-film
metallization which has been screened and fired on a substrate.
The recommended substrates are Alumina or P.C. Board mate-
rial.
Recommended metallization is silver palladium or molymanga-
nese (plated with nickel or other elements to enhance solderabil-
ity). For more information, consult Du Pont's Thick-Film
handbook or the factory.
It is best to prepare the substrate by either dipping it in a solder
bath or by screen printing a solder paste.
After the substrate is prepared, devices are put in place with
vacuum pencils. The device may be laid in place without special
alignment procedures since it is self-aligning during the solder
reflow process and will be held in place by surface tension.
For reliable connections, keep the following in mind:
(1) Maximum temperature of the leads or tab during the solder-
ing cycle does not exceed 275 °C.
(2) Flux must affect neither components nor connectors.
(3) Residue of the flux must be easy to remove.
Good flux or solder paste with these properties is available on the
market. A recommended flux is Alpha 5003 diluted with benzyl
alcohol. Dilution used will vary with application and must be
determined empirically.
Having first been fluxed, all components are positioned on the
substrate. The slight adhesive force of the flux is sufficient to
keep the components in place.
Because solder paste contains a flux, it has good inherent adhe-
sive properties which eases positioning of the components. Allow
flux to dry at room temperature or in a 70 °C oven. Flux should be
dry to the touch. Time required will depend on flux used.
With the components in position, the substrate is heated to a
point where the solder begins to flow. This can be done on a
heating plate, on a conveyor belt running through an infrared tun-
nel, or by using vapor phase soldering.
In the vapor phase soldering process, the entire PC board is uni-
formly heated within a vapor phase zone at a temperature of
approximately 215 °C. The saturated vapor phase zone is
obtained by heating an inert (inactive) fluid to the boiling point.
The vapor phase is locked in place by a secondary vapor. (Figure
AN1005.1) Vapor phase soldering provides uniform heating and
prevents overheating.
Figure AN1005.1
Principle of Vapor Phase Soldering
No matter which method of heating is used, the maximum
allowed temperature of the plastic body must not exceed 250 °C
during the soldering process. For additional information on tem-
perature behavior during the soldering process, see Figure
AN1005.2 and Figure AN1005.3.
Figure AN1005.2
Reflow Soldering Profile
Transport
Cooling pipes
PC board
Heating
elements
Boiling liquid (primary medium)
Vapor phase
zone
Vapor lock
(secondary
medium)
Time (Seconds)
0
0
20
40
60
80
100
120
140
160
180
200
220
240
30
60
90
120
150
180
210
240
270
300
Pre-heat
Soak
Reflow
Cool
Down
0.5 - 0.6 ˚C/s
1.3 - 1.6 ˚C/s
<2.5 ˚C/s
<2.5 ˚C/s
Peak Temperature
220 ˚C - 245 ˚C
Soaking Zone
Reflow Zone
Pre-heating Zone
( 2 min. MAX )
60 - 90 s typical
( 2-4 min MAX )
( 2 min. MAX )
30 - 60 s typical
260
AN1005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com