Electronic Components Datasheet Search
  English  ▼

X  

AC16FSM Datasheet(PDF) 167 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 167 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 163Page - Teccor Electronics AC16FSM Datasheet HTML 164Page - Teccor Electronics AC16FSM Datasheet HTML 165Page - Teccor Electronics AC16FSM Datasheet HTML 166Page - Teccor Electronics AC16FSM Datasheet HTML 167Page - Teccor Electronics AC16FSM Datasheet HTML 168Page - Teccor Electronics AC16FSM Datasheet HTML 169Page - Teccor Electronics AC16FSM Datasheet HTML 170Page - Teccor Electronics AC16FSM Datasheet HTML 171Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 223 page
background image
Application Notes
AN1006
©2002 Teccor Electronics
AN1006 - 15
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
To continue testing, perform the following procedures.
Procedure 9: VTM(Forward)
To measure the VTM (Forward) parameter:
1. Set Left-Right Terminal Jack Selector to correspond with
the location of the test fixture.
2. Increase Variable Collector Supply Voltage until current
reaches rated IT(peak), which is 1.4 times the IT(RMS) rating of
the sidac.
Note: Model 370 current is limited. Set to 400 mA. Check for
1.1 V MAX.
WARNING: Limit test time to 15 seconds.
3. To measure VTM, follow along horizontal scale to the point
where the trace crosses the IT(peak) value. This horizontal dis-
tance is the VTM value. (Figure AN1006.25)
Figure AN1006.25 VTM (Forward) = 950 mV at IPK = 1.4 A
Procedure 10: VTM(Reverse)
To measure the VTM (Reverse) parameter:
1. Set Polarity to (–).
2. Repeat Procedure 8 to measure VTM(Reverse).
Diacs
Diacs are voltage breakdown switches used to trigger-on triacs
and non-sensitive SCRs in phase control circuits.
Note: Diacs are bi-directional devices and can be connected in
either direction.
To connect the diac:
1. Connect one side of the diac to the Collector Terminal (C).
2. Connect other side of the diac to the Emitter Terminal (E).
To begin testing, perform the following procedures.
Procedure 1: Curve Tracer Setup
To set the curve tracer and begin testing:
1. Set Variable Collector Supply Voltage Range to 75 Max
Peak Volts. (80 V on 370)
2. Set Horizontal knob to sufficient scale to allow viewing of
trace at the required voltage level (10 V to 20 V/DIV depend-
ing on device being tested).
3. Set Vertical knob to 50 µA/DIV.
4. Set Polarity to AC.
5. Set Mode to Norm.
6. Set Power Dissipation to 0.5 W. (0.4 W on 370)
7. Set Terminal Selector to Emitter Grounded-Open Base.
Procedure 2: VBO
To measure the VBO parameter:
1. Set Left-Right Terminal Jack Selector to correspond with
the location of the test fixture.
2. Set Variable Collector Supply Voltage to 55 V (65 V for
370) and apply voltage to device under test (D.U.T.), using
Left-Right-Selector Switch. The peak voltage at which cur-
rent begins to flow is the VBO value. (Figure AN1006.26)
Figure AN1006.26 (+)VBO = 35 V; (-)VBO = 36 V; (±)IBO < 15 µA;
(-)IBO < 10 µA and Cannot Be Read Easily
Procedure 3: IBO
To measure the IBO parameter, at the VBO point, measure the
amount of device current just before the device reaches the
breakover mode. The measured current at this point is the IBO
value.
Note: If IBO is less than 10 µA, the current cannot readily be seen
on the curve tracer.
Procedure 4:
∆VBO(Voltage Breakover Symmetry)
To measure the
∆VBO (Voltage Breakover Symmetry) parameter:
1. Measure positive and negative values of VBO as shown in
Figure AN1006.26.
2. Subtract the absolute value of VBO(-) from VBO(+).
The absolute value of the result is:
∆VBO = [ I +VBO I - I -VBO I ]
500
mA
500
mV
PER
V
E
R
T
DIV
PER
H
O
R
I
Z
DIV
PER
S
T
E
P
()k
DIV
9m
PER
DIV
VTM
IPK
50
A
10
V
PER
V
E
R
T
DIV
PER
H
O
R
I
Z
DIV
PER
S
T
E
P
()k
DIV
9m
PER
DIV
+VBO
+IBO
IBO
VBO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com