Electronic Components Datasheet Search
  English  ▼

X  

TPS25821 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25821
Description  TPS25821 USB Type-C 1.5-A Source Controller and Power Switch
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25821 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS25821 Datasheet HTML 17Page - Texas Instruments TPS25821 Datasheet HTML 18Page - Texas Instruments TPS25821 Datasheet HTML 19Page - Texas Instruments TPS25821 Datasheet HTML 20Page - Texas Instruments TPS25821 Datasheet HTML 21Page - Texas Instruments TPS25821 Datasheet HTML 22Page - Texas Instruments TPS25821 Datasheet HTML 23Page - Texas Instruments TPS25821 Datasheet HTML 24Page - Texas Instruments TPS25821 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
LMS3635
(3.5A Synchronous
Buck Regulator)
TPS25821
(USB Type-C Source
Charger)
TPS25821
(USB Type-C Source
Charger)
5V, 1.5A
5V, 1.5A
6.5V-36V
Copyright © 2017, Texas Instruments Incorporated
21
TPS25820, TPS25821
www.ti.com
SLVSE24 – NOVEMBER 2017
Product Folder Links: TPS25820 TPS25821
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Applications (continued)
Figure 21. USB Car Charger
8.2.4.1 Design Requirements
Refer to Design Requirements for the Design Requirements.
8.2.4.2 Detailed Design Procedure
Refer to Detailed Design Procedure for the Detailed Design Procedure.
8.2.4.3 Application Curves
Refer to Application Curves for the Application Curves.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com