Electronic Components Datasheet Search
  English  ▼

X  

TPS25821 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25821
Description  TPS25821 USB Type-C 1.5-A Source Controller and Power Switch
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25821 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS25821 Datasheet HTML 12Page - Texas Instruments TPS25821 Datasheet HTML 13Page - Texas Instruments TPS25821 Datasheet HTML 14Page - Texas Instruments TPS25821 Datasheet HTML 15Page - Texas Instruments TPS25821 Datasheet HTML 16Page - Texas Instruments TPS25821 Datasheet HTML 17Page - Texas Instruments TPS25821 Datasheet HTML 18Page - Texas Instruments TPS25821 Datasheet HTML 19Page - Texas Instruments TPS25821 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
4.5V t 5.5V
100 k:
(1%)
3 x 100 k:
(Optional)
Control Signals
Bus Power
Power Switch
Status Signal
Type-C DFP
Status Signals
VBUS
TPS25820/21
IN
EN
CHG
REF
GND
OUT
FAULT
CC1
CC2
SINK
POL
Power Pad
10
µF
Copyright © 2017, Texas Instruments Incorporated
16
TPS25820, TPS25821
SLVSE24 – NOVEMBER 2017
www.ti.com
Product Folder Links: TPS25820 TPS25821
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TPS25820/21 are Type-C source controllers. The TPS25820 supports all Type-C DFP required functions to
support a USB 3.x port and the TPS25821 supports all required functions for a USB 2.0 DFP. The TPS25820/21
only applies power to VBUS when it detects a sink is attached and removes power when it detects the sink is
detached. The device exposes its identity via its CC pin advertising its current capability based on the CHG pin
setting. The TPS25820/21 also limits its advertised current internally and provides robust protection against faults
on the system VBUS power rail.
After a connection is established by the TPS25820/21, the TPS25820/21 device is capable of providing VCONN to
power circuits in the cable plug on the CC pin that is not connected to the CC wire in the cable. VCONN is
internally current limited. The TPS25820/21 do not support Type-C optional accessory modes (Ra/Ra and Rd/Rd
in Table 2).
The following design procedure can be used to implement a full featured Type-C source.
8.2 Typical Applications
8.2.1 Type-C Source Port Implementation without BC 1.2 Support
Figure 12 shows a minimal Type-C source implementation capable of supporting 5-V and 1.5-A charging.
Figure 12. Type-C Source Port Implementation without BC 1.2 Support
8.2.1.1 Design Requirements
8.2.1.1.1
Input and Output Capacitance Considerations
Input and output capacitance improves the performance of the device. The actual capacitance should be
optimized for the particular application. For all applications, a 0.1-μF or greater ceramic bypass capacitor
between IN and GND is recommended as close to the device as possible for local noise decoupling.
All protection circuits, including those of the TPS25820/21 device, have the potential for input voltage overshoots
and output voltage undershoots. Input voltage overshoots can be caused by either of two effects. The first cause
is an abrupt application of input voltage in conjunction with input power-bus inductance and input capacitance
when the IN pin is high-impedance (before OUT turn-on, i.e. not connected to a Type-C sink device).
Theoretically, the peak voltage is 2 times the applied voltage. The second cause is due to the abrupt reduction of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com