Electronic Components Datasheet Search
  English  ▼

X  

TPS25821 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25821
Description  TPS25821 USB Type-C 1.5-A Source Controller and Power Switch
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25821 Datasheet(HTML) 5 Page - Texas Instruments

  TPS25821 Datasheet HTML 1Page - Texas Instruments TPS25821 Datasheet HTML 2Page - Texas Instruments TPS25821 Datasheet HTML 3Page - Texas Instruments TPS25821 Datasheet HTML 4Page - Texas Instruments TPS25821 Datasheet HTML 5Page - Texas Instruments TPS25821 Datasheet HTML 6Page - Texas Instruments TPS25821 Datasheet HTML 7Page - Texas Instruments TPS25821 Datasheet HTML 8Page - Texas Instruments TPS25821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
5
TPS25820, TPS25821
www.ti.com
SLVSE24 – NOVEMBER 2017
Product Folder Links: TPS25820 TPS25821
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
TPS25820,
TPS25821
UNIT
DSS (WSON)
12 PINS
RθJA
Junction-to-ambient thermal resistance
57.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
53.7
°C/W
RθJB
Junction-to-board thermal resistance
24.1
°C/W
ψJT
Junction-to-top characterization parameter
1.6
°C/W
ψJB
Junction-to-board characterization parameter
24.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
7.4
°C/W
(1)
Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account
separately.
6.5 Electrical Characteristics
–40°C
≤ TJ ≤ 125°C, 4.5 V ≤ VIN ≤ 5.5 V, VEN = VCHG = VIN, RREF = 100 kΩ. Typical values are at 25°C. All voltages are with
respect to GND. IOUT and IOS defined positive out of the indicated pin (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUT - POWER SWITCH
RDS(on)
On resistance(1)
TJ = 25°C, IOUT = 1.5 A
64
70
mΩ
–40°C
≤ TJ ≤ 85°C, IOUT = 1.5 A
64
85
–40°C
≤ TJ ≤ 125°C, IOUT = 1.5 A
64
98
IREV
OUT to IN reverse leakage current
VOUT = 5.5 V, 0 ≤ VIN ≤ 5.5 V, VEN = 0 V,
–40°C
≤ TJ ≤ 85°C, measure IIN
0
3
µA
OUT - CURRENT LIMIT
IOS
Short circuit current limit (1)
1.6
1.72
1.84
A
RREF = 10 Ω
4.0
OUT - DISCHARGE
Discharge resistance
VOUT = 4 V
400
500
600
Ω
Bleed discharge resistance
VOUT = 4 V, No Sink termination on CC
lines, time > tw_OUT_DCHG
90
150
250
kΩ
VTH
Rising threshold for not
discharged
800
mV
REF
IOS
Short circuit current
RREF = 10 Ω
9.5
17.5
µA
VO
Output voltage
0.78
0.8
0.82
V
FAULT
VOL
Output low voltage
I FAULT = 1 mA
250
mV
IOFF
Off-state leakage
V FAULT = 5.5 V
1
µA
CC1/CC2 - VCONN POWER SWITCH (TPS25820)
RDS(on)
On resistance
TJ = 25°C, ICCx = 250 mA
480
530
mΩ
-40°C
≤ TJ ≤ 85°C, ICCx = 250 mA
480
645
-40°C
≤ TJ ≤ 125°C, ICCx = 250 mA
480
755
CC1/CC2 - VCONN POWER SWITCH - CURRENT LIMIT (TPS25820)
IOS
Short circuit current limit(1)
315
370
425
mA
RREF = 10 Ω
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com