Electronic Components Datasheet Search
  English  ▼

X  

TPS25821 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25821
Description  TPS25821 USB Type-C 1.5-A Source Controller and Power Switch
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25821 Datasheet(HTML) 1 Page - Texas Instruments

  TPS25821 Datasheet HTML 1Page - Texas Instruments TPS25821 Datasheet HTML 2Page - Texas Instruments TPS25821 Datasheet HTML 3Page - Texas Instruments TPS25821 Datasheet HTML 4Page - Texas Instruments TPS25821 Datasheet HTML 5Page - Texas Instruments TPS25821 Datasheet HTML 6Page - Texas Instruments TPS25821 Datasheet HTML 7Page - Texas Instruments TPS25821 Datasheet HTML 8Page - Texas Instruments TPS25821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
100
NŸ
3 x 100
NŸ
Control Signals
Power Switch
Status Signals
Type- C DFP
Status Signals
VBUS
IN
EN
REF
GND
OUT
FAULT
CC1
CC2
SINK
POL
Thermal Pad
TPS25820/21
CHG
4.5 V
± 5.5V
Bus Power
Copyright © 2017, Texas Instruments Incorporated
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.
TPS25820, TPS25821
SLVSE24 – NOVEMBER 2017
TPS25820, TPS25821 USB Type-CTM 1.5-A Source Controller and Power Switch
1
1 Features
1
•
USB Type-CTM Rel. 1.3 Compliant Source
Controller
•
STD/1.5-A Current Capability Advertisement on
CC Lines
•
Connector Attach/Detach Detection
•
Super Speed Polarity Determination
•
VBUS and VCONN (TPS25820) Application and
Discharge with Internal Fixed Current Limit
•
1.0-µA (typ) Operating Current with Nothing
Attached to the Type-C Connector
•
64-m
Ω (typ) High-Side OUT MOSFET
•
Meets USB Current-Limiting Requirements
–
1.7-A OUT Current Limit with ±7% Accuracy
–
Fast Overcurrent Response – 1.5 μs (Typical)
•
CC1 and CC2 ±8-kV Contact and ±15-kV Air
Discharge ESD Rating (IEC-61000-4-2)
2 Applications
•
USB 2.0 or 3.x Type-C Host and Hub Ports
•
Notebook/Desktop PCs and Tablets
•
LCD Monitor/Docking Station and Charging
Cradles
•
Type-C USB Wall Chargers, Power Bank, and
CLAs
•
Set-Top Box and Audio/Video Systems
3 Description
The TPS25820/21 is a USB Type-C source controller
with an integrated 1.5 A-rated USB power switch. The
TPS25820/21 monitors the Type-C configuration
channel (CC) lines to determine when a USB sink is
attached. If a sink is attached, the TPS25820/21
applies
power
to
VBUS and communicates the
selectable VBUS current sourcing capability to the sink
via the pass through CC line. If the sink is attached
with an electronically marked cable, the TPS25820
also applies VCONN power to the cable VCONN pin. The
TPS25821 does not apply VCONN power and is for
functions where VCONN is not needed such as USB
2.0 and data-less charging implementations.
The TPS25820/21 draws 1.0 μA (typ) when nothing is
attached. The FAULT output signals when the switch
is in an overcurrent or overtemperature condition. The
SINK output signals when a sink is attached and the
POL output signals the polarity of the cable super-
speed lines.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS25820
WSON (12)
3.00 mm x 2.00 mm
TPS25821(2)
WSON (12)
3.00 mm x 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) Product Preview
Device Comparison
PART NUMBER
VCONN
TPS25820
Yes
TPS25821
No
Simplified Schematic


Similar Part No. - TPS25821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25810 TI1-TPS25810 Datasheet
1Mb / 36P
TPS25810 USB Type-C DFP Controller and Power Switch with Load Detection
TPS25810 TI1-TPS25810 Datasheet
1Mb / 38P
USB Type-C DFP Controller and Power Switch with Load Detection
TPS25810 TI1-TPS25810 Datasheet
734Kb / 37P
USB Type-C DFP Controller and Power Switch With Load Detection
TPS25810 TI1-TPS25810 Datasheet
1Mb / 39P
USB Type-C DFP Controller and Power Switch With Load Detection
TPS25810 TI2-TPS25810 Datasheet
1Mb / 39P
TPS25810 USB Type-C DFP Controller and Power Switch with Load Detection
REVISED JULY 2017
More results

Similar Description - TPS25821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65981 TI1-TPS65981 Datasheet
140Kb / 7P
USB Type-C and USB PD Controller Power Switch
TPS65981-Q1 TI1-TPS65981-Q1 Datasheet
125Kb / 7P
USB Type-C and USB PD Controller, Power Switch, and High Multiplexer
TPS65986 TI1-TPS65986 Datasheet
2Mb / 109P
USB Type-C and USB PD Controller and Power Switch
TPS25740 TI1-TPS25740 Datasheet
2Mb / 64P
USB Type-C and USB PD Source Controller
TPS65982 TI1-TPS65982_16 Datasheet
2Mb / 117P
USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
TPS65983B TI1-TPS65983B Datasheet
2Mb / 112P
USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65983B TI1-TPS65983B_16 Datasheet
2Mb / 117P
USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS25740B TI1-TPS25740B Datasheet
1Mb / 61P
USB Type-C and USB PD Source Controller
TPS65983B TI1-TPS65983B_18 Datasheet
2Mb / 120P
USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
logo
ON Semiconductor
EVBUM2710 ONSEMI-EVBUM2710 Datasheet
5Mb / 24P
USB Type-C Source Controller Supporting USB Power Delivery 3.0 w/PPS and a 4-Switch Buck Boost Controller Evaluation Board
January, 2020 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com