Electronic Components Datasheet Search
  English  ▼

X  

TPS25821 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25821
Description  TPS25821 USB Type-C 1.5-A Source Controller and Power Switch
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25821 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS25821 Datasheet HTML 3Page - Texas Instruments TPS25821 Datasheet HTML 4Page - Texas Instruments TPS25821 Datasheet HTML 5Page - Texas Instruments TPS25821 Datasheet HTML 6Page - Texas Instruments TPS25821 Datasheet HTML 7Page - Texas Instruments TPS25821 Datasheet HTML 8Page - Texas Instruments TPS25821 Datasheet HTML 9Page - Texas Instruments TPS25821 Datasheet HTML 10Page - Texas Instruments TPS25821 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
7
TPS25820, TPS25821
www.ti.com
SLVSE24 – NOVEMBER 2017
Product Folder Links: TPS25820 TPS25821
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
–40°C
≤ TJ ≤ 125°C, 4.5 V ≤ VIN ≤ 5.5 V, VEN = VCHG = VIN, RREF = 100 kΩ. Typical values are at 25°C. All voltages are with
respect to GND. IOUT and IOS defined positive out of the indicated pin (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
II
Disabled supply current
VEN = 0 V, –40°C ≤ TJ ≤ 85°C
1
µA
Enabled supply current with CC
lines open
–40°C
≤ TJ ≤ 85°C
1
4
Enabled supply current with
dangling Ra cable attached
150
195
Enabled supply current with Sink
attached via cable that is
electronically marked (includes IN
current that provides the CC
output current to the sink Rd
resistor)
VCHG = 0 V
232
275
332
380
Enabled supply current with Sink
attached via cable that is not
electronically marked (includes IN
current that provides the CC
output current to the sink Rd
resistor)
VCHG = 0 V
210
250
310
355
6.6 Switching Characteristics
–40°C
≤ TJ ≤ 125°C, 4.5 V ≤ VIN ≤ 5.5 V, VEN = VCHG = VIN, RREF = 100 kΩ. Typical values are at 25°C. All voltages are with
respect to GND. IOUT and IOS defined positive out of the indicated pin (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUT - POWER SWITCH
tr
Output voltage rise time
VIN = 5 V, CL = 1 µF, RL = 100 Ω
(measure between 10% and 90% of
final value)
0.5
0.8
1.2
ms
tf
Output voltage fall time
0.2
0.3
0.4
ms
ton
Output voltage turn-on time
VIN = 5 V, CL = 1 µF, RL = 100 Ω
2.1
3.2
4.5
ms
toff
Output voltage turn-off time
0.8
1.3
1.9
ms
tw_OUT_DCHG
RDCHG application time at OUT turn
off
VOUT = 1 V, time ISNK_OUT > 1 mA
after Sink termination removed from
CC lines
169
262
361
ms
OUT - CURRENT LIMIT
tiOS
Current limit response time to short
circuit
VIN - VOUT = 1 V, RL = 10 mΩ (see
Figure 1)
1.5
4
µs
FAULT
tDEGA
Asserting deglitch due to overcurrent
5.6
8.2
10.6
ms
tDEGA
Asserting deglitch due to
overtemperature in current limit
0
ms
tDEGD
De-asserting deglitch
5.6
8.2
10.6
ms
CC1/CC2 - VCONN POWER SWITCH (TPS25820)
tr
Output voltage rise time
VIN2 = 5 V, CL = 1 µF, RL = 100 Ω
0.13
0.22
0.3
ms
tf
Output voltage fall time
0.18
0.22
0.26
ms
ton
Output voltage turn-on time
VIN2 = 5 V, CL = 1 µF, RL = 100 Ω
1.4
2.2
3.2
ms
toff
Output voltage turn-off time
0.25
0.33
0.4
ms
Minimum VCONN discharge time
TPS25820
42
65
90
ms
CC1/CC2 - VCONN POWER SWITCH - CURRENT LIMIT (TPS25820)
tres
Current limit response time to short
circuit
VIN – VCCx = 1 V, R = 10 mΩ (see
Figure 1)
1
4
µs
SINK, POL
tDEGA
Asserting deglitch
100
150
200
ms
tDEGD
De-asserting deglitch
7.9
12.5
17.7
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com