Electronic Components Datasheet Search
  English  ▼

X  

TPS25821 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25821
Description  TPS25821 USB Type-C 1.5-A Source Controller and Power Switch
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25821 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS25821 Datasheet HTML 6Page - Texas Instruments TPS25821 Datasheet HTML 7Page - Texas Instruments TPS25821 Datasheet HTML 8Page - Texas Instruments TPS25821 Datasheet HTML 9Page - Texas Instruments TPS25821 Datasheet HTML 10Page - Texas Instruments TPS25821 Datasheet HTML 11Page - Texas Instruments TPS25821 Datasheet HTML 12Page - Texas Instruments TPS25821 Datasheet HTML 13Page - Texas Instruments TPS25821 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
10
TPS25820, TPS25821
SLVSE24 – NOVEMBER 2017
www.ti.com
Product Folder Links: TPS25820 TPS25821
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPS25820 and TPS25821 devices are highly integrated USB Type-C source controllers with built-in power
switches developed for the USB Type-C connector and cable. The TPS25820 supports VCONN, while the
TPS25821 does not. The devices provide all of the functionality needed to support a USB Type-C DFP in a
system where USB power delivery (PD) source capabilities (for example, VBUS > 5 V) are not implemented. The
devices are designed to be compliant to the USB Type
‑C specification, release 1.3 which added new
requirements to discharge VCONN.
7.1.1 USB Type C Basic
For a detailed description of the Type-C spec refer to the USB-IF website to download the latest released
version. Some of the basic concepts of the Type-C spec that pertains to understanding the operation of the
TPS25820/21 (a Downward Facing Port, DFP device) are described as follows.
USB Type-C removes the need for different plug and receptacle types for host and device functionality. The
Type-C receptacle replaces both Type-A and Type-B receptacles since the Type-C cable is plug-able in either
direction between host and device. A host-to-device logical relationship is maintained via the configuration
channel (CC). Optionally hosts and devices can be either providers or consumers of power when USB PD
communication is used to swap roles.
All USB Type-C ports operate in one of below three data modes:
•
Host mode: the port can only be host (also provider of power)
•
Device mode: the port can only be device (also consumer of power)
•
Dual-Role mode: the port can be either host or device
Port types:
•
DFP (Downstream Facing Port): Host, specifically associated with flow of data (Host or Hub) in a USB link
•
Source: Port that asserts Rp (pull-up resistor) on CC pin and provides power on VBUS when attached to a
Sink (device). At power-up a DFP is a source.
•
UFP (Upstream Facing Port): Device, specifically associated with flow of data (device) in a USB link
•
Sink: Port that asserts Rd (pull-down) on CC pin and consumes power from VBUS when attached. At power-
up a UFP is a sink
•
DRP (Dual-Role Port): Host or Device
Valid Source-to-Sink connections:
•
Table 1 describes valid Source-to-Sink connections
•
Source to Source or Sink to Sink have no function
Table 1. Valid Source-to-Sink Connections
POWER ROLES
SOURCE ONLY
SINK ONLY
DUAL ROLE POWER (DRP)
Source Only
Not allowed
Allowed
Allowed
Sink Only
Allowed
Not allowed
Allowed
Dual Role Power
(DRP)
Allowed
Allowed
Allowed
7.1.2 Configuration Channel
The function of the configuration channel is to detect connections and configure the interface across the USB
Type-C cables and connectors.
Functionally the Configuration Channel (CC) is used to serve the following purposes:
•
Detect connect to the USB ports
•
Resolve cable orientation and twist connections to establish USB data bus routing
•
Establish Source and Sink roles between two connected ports
•
Discover and configure power: USB Type-C current modes or USB Power Delivery
•
Discovery and configure optional Alternate and Accessory modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com