Electronic Components Datasheet Search
  English  ▼

X  

TPS25821 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25821
Description  TPS25821 USB Type-C 1.5-A Source Controller and Power Switch
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25821 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS25821 Datasheet HTML 9Page - Texas Instruments TPS25821 Datasheet HTML 10Page - Texas Instruments TPS25821 Datasheet HTML 11Page - Texas Instruments TPS25821 Datasheet HTML 12Page - Texas Instruments TPS25821 Datasheet HTML 13Page - Texas Instruments TPS25821 Datasheet HTML 14Page - Texas Instruments TPS25821 Datasheet HTML 15Page - Texas Instruments TPS25821 Datasheet HTML 16Page - Texas Instruments TPS25821 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Charge
Pump
Current
Limit
OTSD
Thermal
Sense
IN
Current Sense
EN
OUT
CC1
CC2
Gate
Control
FAULT
SINK
POL
Control
Logic
CC
Monitor
CHG
GND
REF
UVLO
IN
Copyright © 2017, Texas Instruments Incorporated
13
TPS25820, TPS25821
www.ti.com
SLVSE24 – NOVEMBER 2017
Product Folder Links: TPS25820 TPS25821
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Functional Block Diagrams (continued)
Figure 11. TPS25821 Functional Block Diagram
7.3 Feature Description
Both the TPS25820 and TPS25821 are source (i.e. DFP) Type-C port controllers with integrated power switches
for VBUS. The TPS25820 also has integrated power switches for VCONN. Refer to the functional block diagrams
(Figure 10 and Figure 11). The TPS25820/21 devices do not support BC1.2 charging modes, because it does not
interact with USB D+ and D– data lines. However supporting DCP mode of BC1.2 can be easily accomplished in
data-less ports like wall chargers and CLAs by simply tying a 100-
Ω resistor between the D+ and D- pins of the
Type-C connector.
The TPS25820 has a built-in VCONN current limiting switch and can be used to implement USB 3.1 DFP, whereas
the TPS25821 does not implement a VCONN current limiting switch hence is used in the implementation in USB
2.0 DFP ports or as a USB source only port. Other than the VCONN current limiting switch there are no other
functional differences between the TPS25820 and TPS25821.
7.3.1 Configuration Channel Pins CC1 and CC2
The TPS25820/21 devices have two pins, CC1 and CC2 that serve to detect an attachment to the port and
resolve cable orientation. These pins are also used to establish the current broadcast to a valid sink and
configure VCONN (TPS25820 only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com