Electronic Components Datasheet Search
  English  ▼

X  

ADT75 Datasheet(PDF) 10 Page - Analog Devices

Part # ADT75
Description  12-Bit Digital Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT75 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADT75 Datasheet HTML 6Page - Analog Devices ADT75 Datasheet HTML 7Page - Analog Devices ADT75 Datasheet HTML 8Page - Analog Devices ADT75 Datasheet HTML 9Page - Analog Devices ADT75 Datasheet HTML 10Page - Analog Devices ADT75 Datasheet HTML 11Page - Analog Devices ADT75 Datasheet HTML 12Page - Analog Devices ADT75 Datasheet HTML 13Page - Analog Devices ADT75 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Data Sheet
ADT75
Rev. B | Page 9 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
1.0
–1.0
–55
125
TEMPERATURE (
°C)
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–35
–15
5
25
45
65
85
105
VDD = 3.3V
VDD = 5V
Figure 5. Temperature Accuracy at 3.3 V and 5 V
500
0
–55
125
TEMPERATURE (
°C)
450
400
350
300
250
200
150
100
50
–35
–15
5
25
45
65
85
105
CONVERTING @ 5.5V
CONVERTING @ 3.3V
AVERAGE @ 5.5V
AVERAGE @ 3.3V
Figure 6. Operating Supply Current vs. Temperature
240
195
2.6
5.6
SUPPLY VOLTAGE (V)
200
205
210
215
220
225
230
235
3.1
3.6
4.1
4.6
5.1
TA = 30°C
Figure 7. Average Operating Supply Current vs. Supply Voltage at 30°C
7
6
1
2
3
4
5
0
2.6
5.6
SUPPLY VOLTAGE (V)
3.1
3.6
4.1
4.6
5.1
TA = 30°C
Figure 8. Shutdown Current vs. Supply Voltage at 30°C
0.05
–0.05
0
5.0
SUPPLY RIPPLE FREQUENCY (MHz)
0.04
0.03
0.02
0.01
0
–0.01
–0.02
–0.03
–0.04
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
TA = 25°C
A 0.1
µF CAPACITOR IS CONNECTED AT THE V
DD PIN.
VDD = 5V ± 10%
VDD = 3.3V ± 10%
Figure 9. Temperature Accuracy vs. Supply Ripple Frequency
0.025
–0.025
0
14
RECOVERY TIME AT 25
°C (Hours)
0.020
0.015
0.010
0.005
0
–0.005
–0.010
–0.015
–0.020
2
4
6
8
10
12
MSOP PACKAGE
SOIC PACKAGE
Figure 10. Response to Thermal Shock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com