Electronic Components Datasheet Search
  English  ▼

X  

ADT75 Datasheet(PDF) 15 Page - Analog Devices

Part # ADT75
Description  12-Bit Digital Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT75 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADT75 Datasheet HTML 11Page - Analog Devices ADT75 Datasheet HTML 12Page - Analog Devices ADT75 Datasheet HTML 13Page - Analog Devices ADT75 Datasheet HTML 14Page - Analog Devices ADT75 Datasheet HTML 15Page - Analog Devices ADT75 Datasheet HTML 16Page - Analog Devices ADT75 Datasheet HTML 17Page - Analog Devices ADT75 Datasheet HTML 18Page - Analog Devices ADT75 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
ADT75
Data Sheet
Rev. B | Page 14 of 24
Temperature Value Register
This 16-bit read only register stores the temperature measured
by the internal temperature sensor. The temperature is stored in
twos complement format with the MSB being the temperature
sign bit. When reading from this register, the eight MSBs (Bit
D15 to Bit D8) are read first and then the eight LSBs (Bit D7 to
Bit D0) are read. The control register settings are the default
settings on power up.
Configuration Register
This 8-bit read/write register stores various configuration modes
for the ADT75. These modes are shutdown, overtemperature
interrupt, one-shot, SMBus alert function enable, OS/ALERT
pin polarity, and overtemperature fault queues. See Table 10.
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
0
0
0
0
0
0
0
N/A1
N/A1
N/A1
N/A1
1 N/A = not applicable.
Table 10.
Bit
Configuration Mode
Default Setting at Power-Up
D7
OS/SMBus alert
0
D6
Reserved
0
D5
One-shot
0
D4
Fault queue
0
D3
Fault queue
0
D2
OS/ALERT pin polarity
0
D1
Cmp/Int
0
D0
Shutdown
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com