Electronic Components Datasheet Search
  English  ▼

X  

ADT75 Datasheet(PDF) 16 Page - Analog Devices

Part # ADT75
Description  12-Bit Digital Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT75 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADT75 Datasheet HTML 12Page - Analog Devices ADT75 Datasheet HTML 13Page - Analog Devices ADT75 Datasheet HTML 14Page - Analog Devices ADT75 Datasheet HTML 15Page - Analog Devices ADT75 Datasheet HTML 16Page - Analog Devices ADT75 Datasheet HTML 17Page - Analog Devices ADT75 Datasheet HTML 18Page - Analog Devices ADT75 Datasheet HTML 19Page - Analog Devices ADT75 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Data Sheet
ADT75
Rev. B | Page 15 of 24
Table 11.
Bit
Function
D0
Shutdown
Shutdown Bit. Setting this bit to 1 puts the ADT75 into shutdown mode. All circuitry except the SMBus/I2C interface is powered
down. To power up the part again, write 0 to this bit.
D1
Cmp/Int
This bit selects between comparator and interrupt mode.
D1
Over Temperature Interrupt Modes
0
Comparator mode
1
Interrupt mode
D2
OS/ALERT
This bit selects the output polarity of the OS/ALERT pin.
D2
OS/ALERT Pin Polarity
0
Active low
1
Active high
D4:D3
Fault
Queue
These two bits set the number of overtemperature faults that occur before setting the OS/ALERT pin. This helps to avoid false
triggering due to temperature noise.
D [4:3]
Overtemperature Fault Queue
00
1 fault (default)
01
2 faults
10
4 faults
11
6 faults
D5
One-Shot
One-shot Mode. Setting this bit puts the part into one-shot mode. In this mode, the part is normally powered down until a
0x04 is written to the address pointer register; then a conversion is performed, and the part returns to power down.
D5
One-Shot Mode
0
Normal mode; powered up and converting every 100 ms
1
One-shot mode
D6
Reserved
Reserved. Write 0 to this bit.
D7
OS/SMBus
Alert
Mode
Interrupt Mode Only. Enable SMBus alert function mode. This bit can enable the ADT75 to support the SMBus alert function
when the interrupt mode is selected (D1 = 1).
D7
OS/SMBus Alert Mode
0
Disable SMBus alert function. The OS/ALERT pin behaves as an OS pin when this bit status is selected.
1
Enable SMBus alert function.
THYST Setpoint Register
This 16-bit read/write register stores the temperature hysteresis limit for the two interrupt modes. The temperature limit is stored in twos
complement format with the MSB being the temperature sign bit. When reading from this register the eight MSBs are read first and then
the eight LSBs are read. The default setting has the THYST limit at 75°C. The control register settings are the default settings on power up.
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
1
0
0
1
0
1
1
0
0
0
0
N/A1
N/A1
N/A1
N/A1
1 N/A = not applicable.
TOS Setpoint Register
This 16-bit read/write register stores the overtemperature limit value for the two interrupt modes. The temperature limit is stored in twos
complement format with the MSB being the temperature sign bit. When reading from this register, the eight MSBs are read first and then
the eight LSBs are read. The default setting has the TOS limit at 80°C. The control register settings are the default settings on power up.
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
1
0
1
0
0
0
0
0
0
0
0
N/A1
N/A1
N/A1
N/A1
1 N/A = not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com