Electronic Components Datasheet Search
  English  ▼

X  

ADT75 Datasheet(PDF) 17 Page - Analog Devices

Part # ADT75
Description  12-Bit Digital Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT75 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADT75 Datasheet HTML 13Page - Analog Devices ADT75 Datasheet HTML 14Page - Analog Devices ADT75 Datasheet HTML 15Page - Analog Devices ADT75 Datasheet HTML 16Page - Analog Devices ADT75 Datasheet HTML 17Page - Analog Devices ADT75 Datasheet HTML 18Page - Analog Devices ADT75 Datasheet HTML 19Page - Analog Devices ADT75 Datasheet HTML 20Page - Analog Devices ADT75 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
ADT75
Data Sheet
Rev. B | Page 16 of 24
SERIAL INTERFACE
Control of the ADT75 is carried out via the SMBus/I2C-compatible
serial interface. The ADT75 is connected to this bus as a slave
and is under the control of a master device.
Figure 13 shows a typical SMBus/I2C interface connection.
ADT75
SCL
OS/ALERT
A0
A2
A1
SDA
GND
VDD
SMBus/I2C ADDRESS = 1001 000
10kΩ
10kΩ
10kΩ
PULL-UP
VDD
PULL-UP
VDD
0.1µF
Figure 13. Typical SMBus/I2C Interface Connection
Serial Bus Address
Like all SMBus/I2C-compatible devices, the ADT75 has a 7-bit
serial address. The four MSBs of this address for the ADT75 are
set to 1001. Pin A2, Pin A1, and Pin A0 set the three LSBs. These
pins can be configured two ways, low and high, to give eight
different address options. Table 12 shows the different bus address
options available. Recommended pull-up resistor value on the
SDA and SCL lines is 10 kΩ.
Table 12. SMBus/I2C Bus Address Options
Binary
A6
A5
A4
A3
A2
A1
A0
Hex
1
0
0
1
0
0
0
0x48
1
0
0
1
0
0
1
0x49
1
0
0
1
0
1
0
0x4A
1
0
0
1
0
1
1
0x4B
1
0
0
1
1
0
0
0x4C
1
0
0
1
1
0
1
0x4D
1
0
0
1
1
1
0
0x4E
1
0
0
1
1
1
1
0x4F
The ADT75 is designed with a SMBus/I2C timeout. The
SMBus/I2C interface times out after 75 ms to 325 ms of no
activity on the SDA line. After this timeout, the ADT75 resets
the SDA line back to its idle state (SDA set to high impedance)
and wait for the next start condition.
The serial bus protocol operates as follows:
1. The master initiates data transfer by establishing a start
condition, defined as a high to low transition on the serial
data line SDA, while the serial clock line SCL remains high.
This indicates that an address/data stream is going to
follow. All slave peripherals connected to the serial bus
respond to the start condition and shift in the next eight
bits, consisting of a 7-bit address (MSB first) plus a
read/write (R/W) bit. The R/W bit determines whether
data is written to, or read from, the slave device.
2. The peripheral with the address corresponding to the
transmitted address responds by pulling the data line low
during the low period before the ninth clock pulse, known
as the acknowledge bit. All other devices on the bus now
remain idle while the selected device waits for data to be
read from or written to it. If the R/W bit is a zero then the
master writes to the slave device. If the R/W bit is a one
then the master reads from the slave device.
3. Data is sent over the serial bus in sequences of nine clock
pulses, eight bits of data followed by an acknowledge bit
from the receiver of data. Transitions on the data line must
occur during the low period of the clock signal and remain
stable during the high period, as a low to high transition
when the clock is high can be interpreted as a stop signal.
4. When all data bytes have been read or written, stop
conditions are established. In write mode, the master pulls
the data line high during the 10th clock pulse to assert a
stop condition. In read mode, the master device pulls the
data line high during the low period before the ninth clock
pulse. This is known as no acknowledge. The master takes
the data line low during the low period before the 10th
clock pulse, then high during the 10th clock pulse to assert
a stop condition.
Any number of bytes of data can be transferred over the serial
bus in one operation. However, it is not possible to mix read
and write in one operation because the type of operation is
determined at the beginning and cannot subsequently be
changed without starting a new operation.
The I2C address set up by the three address pins is not latched
by the device until after this address has been sent twice. On the
eighth SCL cycle of the second valid communication, the serial
bus address is latched in. This is the SCL cycle directly after the
device has seen its own I2C serial bus address. Any subsequent
changes on this pin has no effect on the I2C serial bus address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com