Electronic Components Datasheet Search
  English  ▼

X  

AD6600 Datasheet(PDF) 4 Page - Analog Devices

Part # AD6600
Description  Dual Channel, Gain-Ranging
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6600 Datasheet(HTML) 4 Page - Analog Devices

  AD6600 Datasheet HTML 1Page - Analog Devices AD6600 Datasheet HTML 2Page - Analog Devices AD6600 Datasheet HTML 3Page - Analog Devices AD6600 Datasheet HTML 4Page - Analog Devices AD6600 Datasheet HTML 5Page - Analog Devices AD6600 Datasheet HTML 6Page - Analog Devices AD6600 Datasheet HTML 7Page - Analog Devices AD6600 Datasheet HTML 8Page - Analog Devices AD6600 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
REV. 0
–3–
AD6600
TIMING REQUIREMENTS AND SWITCHING SPECIFICATIONS1
(AVCC = 5 V, DVCC = 3.3 V; ENC and
ENC = 20 MSPS; T
MIN = –40 C, TMAX = +85 C unless otherwise noted.)
Test
AD6600AST
Parameter
Name
Temp
Level
Min
Typ
Max
Unit
A/D CONVERTER
Conversion Rate
fENC
1/(tENC)
MSPS
Maximum Conversion Rate
Full
II
20
MSPS
Minimum Conversion Rate
Full
IV
6
MSPS
Aperture Uncertainty
tj
25
°C
V
0.3
ps rms
ENCODE INPUTS (ENC,
ENC)2
Period
tENC
Full
II
50
ns
Pulsewidth High
3
tENCH
Full
IV
20
ns
Pulsewidth Low
4
tENCL
Full
IV
20
ns
2
× CLOCK OUTPUT (CLK2×)5
Output Frequency
2
× fENC
MSPS
Output Period6
tCLK2×_1
Full
V
tENCL
ns
tCLK2×_2
Full
V
tENCH
ns
CLK2
× Pulsewidth Low6
tCLK2×L
Full
V
tENCH/2
ns
Output Risetime7
Full
V
3
ns
Output Falltime
7
Full
V
2.6
ns
OUTPUT RISE/FALL TIMES8
Output Risetime (D10:D0, RSSI2:0)
Full
V
8
ns
Output Falltime (D10:D0, RSSI2:0)
Full
V
8.4
ns
Output Risetime (AB_OUT)
Full
V
6
ns
Output Falltime (AB_OUT)
Full
V
6.2
ns
NOTES
1See AD6600 Timing Diagrams.
2All switching specifications tested by driving ENC and
ENC differentially.
3Several timing specifications are a function of Encode high time, t
ENCH; these specifications are shown in the data tables and timing diagrams. Encode duty cycle
should be kept as close to 50% as possible.
4Encode pulse low directly affects the amount of settling time available at FLT resonant port. See External Analog (Resonant) Filter section for details.
5The 2
× Clock is generated internally, therefore some specifications are functions of encode period and duty cycle. All timing measurements to or from CLK2 × are
referenced to 2.0 V crossing.
6This specification IS a function of Encode period and duty cycle; reference timing diagrams Figure 8.
7Output rise time is measured from 20% point to 80% point of total CLK2
× voltage swing; output fall time is measured from 80% point to 20% point of total CLK2×
voltage swing.
8Output rise time is measured from 20% point to 80% point of total data voltage swing; output fall time is measured from 80% point to 20% point of total data voltage
swing. All outputs specified with 10 pF load.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com