Electronic Components Datasheet Search
  English  ▼

X  

AD6600 Datasheet(PDF) 12 Page - Analog Devices

Part # AD6600
Description  Dual Channel, Gain-Ranging
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6600 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD6600 Datasheet HTML 8Page - Analog Devices AD6600 Datasheet HTML 9Page - Analog Devices AD6600 Datasheet HTML 10Page - Analog Devices AD6600 Datasheet HTML 11Page - Analog Devices AD6600 Datasheet HTML 12Page - Analog Devices AD6600 Datasheet HTML 13Page - Analog Devices AD6600 Datasheet HTML 14Page - Analog Devices AD6600 Datasheet HTML 15Page - Analog Devices AD6600 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
REV. 0
AD6600
–11–
RSSI Gain Step
The input amplitude span between taps of the RSSI (received
signal strength) attenuator ladder. Ideally each stage should
span 6 dB of input power.
RSSI Hysteresis
The amount of movement in the RSSI switch points, depending
on the direction of approach. Hysteresis prevents unnecessary
RSSI toggling when input signal power is near a threshold.
Signal-to-Noise Ratio (Without Harmonics)
The ratio of the rms signal amplitude (set at 1 dB below full
scale) to the rms value of the sum of all other spectral compo-
nents, excluding the first five harmonics and dc.
Worst Other Spur
The ratio of the rms signal amplitude to the rms value of the
worst spurious component (excluding the second and third
harmonic) reported in dBc.
AD6600 TRANSFER FUNCTION
AIN LEVEL – dBFS
60
24
0
–100
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
54
30
18
6
42
36
12
48
Figure 1. SNR vs. Input Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com