Electronic Components Datasheet Search
  English  ▼

X  

AD6600 Datasheet(PDF) 1 Page - Analog Devices

Part # AD6600
Description  Dual Channel, Gain-Ranging
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6600 Datasheet(HTML) 1 Page - Analog Devices

  AD6600 Datasheet HTML 1Page - Analog Devices AD6600 Datasheet HTML 2Page - Analog Devices AD6600 Datasheet HTML 3Page - Analog Devices AD6600 Datasheet HTML 4Page - Analog Devices AD6600 Datasheet HTML 5Page - Analog Devices AD6600 Datasheet HTML 6Page - Analog Devices AD6600 Datasheet HTML 7Page - Analog Devices AD6600 Datasheet HTML 8Page - Analog Devices AD6600 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD6600
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
FUNCTIONAL BLOCK DIAGRAM
FEATURES
Dual IF Inputs, 70 MHz–250 MHz
Diversity or Two Independent IF Signals
Separate Attenuation Paths
Oversample RF Channels
20 MSPS on a Single Carrier
10 MSPS/Channel in Diversity Mode
Total Signal Range 90+ dB
30 dB from Automatic Gain-Ranging (AGC)
60 dB from A/D Converter
Range >100 dB After Processing Gain
Digital Outputs
11-Bit ADC Word
3-Bit RSSI Word
2
Clock, A/B Indicator
Single 5 V Power Supply
Output DVCC 3.3 V or 5 V
775 mW Power Dissipation
APPLICATIONS
Communications Receivers
PCS/Cellular Base Stations
GSM, CDMA, TDMA
Wireless Local Loop, Fixed Access
PRODUCT DESCRIPTION
The AD6600 mixed-signal receiver chip directly samples signals
at analog input frequencies up to 250 MHz. The device includes
two input channels, each with 1 GHz input amplifiers and
30 dB of automatic gain-ranging circuitry. Both channels are
sampled with a 450 MHz track-and-hold followed by an 11-bit,
20 MSPS analog-to-digital converter. Digital RSSI outputs, an
A/B channel indicator, a 2
× Clock output, references, and con-
trol circuitry are all on-chip. Digital output signals are two’s
complement, CMOS-compatible and interface directly to
3.3 V or 5 V digital processing chips.
The primary use for the dual analog input structure is sampling
both antennas in a two-antenna diversity receiver. However,
Channels A and B may also be used to sample two independent
IF signals. Diversity, or dual-channel mode, is limited to 10 MSPS
per channel. In single-channel mode, the full clock rate of
20 MSPS may be applied to a single carrier.
The AD6600 may be used as a stand-alone sampling chip, or it
may be combined with the AD6620 Digital Receive Signal Pro-
cessor. The AD6620 provides 10 dB–25 dB of additional pro-
cessing gain before passing data to a fixed- or floating-point DSP.
Driving the AD6600 is simplified by using the AD6630 differen-
tial IF amplifier. The AD6630 is easily matched to inexpensive
SAW filters from 70 MHz to 250 MHz.
Designed specifically for cellular/PCS receivers, the AD6600
supports GSM, IS-136, CDMA and Wireless LANs, as well as
proprietary air interfaces used in WLL/fixed-access systems.
Units are available in plastic, surface-mount packages (44-lead
LQFP) and specified over the industrial temperature range
(–40
°C to +85°C).
Dual Channel, Gain-Ranging
ADC with RSSI
GAIN
A/D
CONVERTER
TIMING
ENCODE
SELECT GAIN
+12, +18dB
ENCODE
FLT
FLT
NOISE FILTER
RESONANT
PORT
630
RSSI
3
TWO'S
COMPLEMENT
11
AB_OUT
D10–D0
RSSI [2:0]
CLK2
DVCC
ENC
ENC
GND
AVCC
B_SEL
A_SEL
GAIN
GAIN
RSSI
3
0dB, –12dB, –24dB
ATTEN
ATTEN
0dB, –12dB, –24dB
DETECT
PEAK
SET
RSSI
AIN
AIN
BIN
BIN
AD6600


Similar Part No. - AD6600

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6600 AD-AD6600 Datasheet
303Kb / 24P
Dual Channel, Gain-Ranging ADC with RSSI
AD6600AST AD-AD6600AST Datasheet
303Kb / 24P
Dual Channel, Gain-Ranging ADC with RSSI
AD6600PCB AD-AD6600PCB Datasheet
303Kb / 24P
Dual Channel, Gain-Ranging ADC with RSSI
AD6600ST AD-AD6600ST Datasheet
303Kb / 24P
Dual Channel, Gain-Ranging ADC with RSSI
AD6600ST/PCB AD-AD6600ST/PCB Datasheet
303Kb / 24P
Dual Channel, Gain-Ranging ADC with RSSI
More results

Similar Description - AD6600

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6600 AD-AD6600 Datasheet
303Kb / 24P
Dual Channel, Gain-Ranging ADC with RSSI
logo
Texas Instruments
TL851 TI-TL851 Datasheet
82Kb / 6P
SONAR RANGING CONTROL
logo
Microchip Technology
AN597 MICROCHIP-AN597 Datasheet
63Kb / 8P
Implementing Ultrasonic Ranging
1995
logo
List of Unclassifed Man...
SRM400 ETC2-SRM400 Datasheet
108Kb / 2P
Sonar Ranging Module
logo
Emerson Network Power
LPS150 EMERSON-NETWORKPOWER-LPS150 Datasheet
746Kb / 2P
Auto ranging input
logo
Texas Instruments
TL852 TI1-TL852_12 Datasheet
586Kb / 12P
SONAR RANGING RECEIVER
TL851CDR TI-TL851CDR Datasheet
585Kb / 13P
SONAR RANGING CONTROL
TL851CDR TI1-TL851CDR Datasheet
585Kb / 13P
SONAR RANGING CONTROL
logo
Analog Devices
AD6600 AD-AD6600_15 Datasheet
309Kb / 24P
Dual Channel, Gain-Ranging ADC with RSSI
REV. 0
logo
List of Unclassifed Man...
9201 ETC2-9201 Datasheet
2Mb / 4P
Multi-ranging operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com