Electronic Components Datasheet Search
  English  ▼

X  

AD6600 Datasheet(PDF) 11 Page - Analog Devices

Part # AD6600
Description  Dual Channel, Gain-Ranging
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6600 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD6600 Datasheet HTML 7Page - Analog Devices AD6600 Datasheet HTML 8Page - Analog Devices AD6600 Datasheet HTML 9Page - Analog Devices AD6600 Datasheet HTML 10Page - Analog Devices AD6600 Datasheet HTML 11Page - Analog Devices AD6600 Datasheet HTML 12Page - Analog Devices AD6600 Datasheet HTML 13Page - Analog Devices AD6600 Datasheet HTML 14Page - Analog Devices AD6600 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
REV. 0
AD6600
–10–
DEFINITIONS OF SPECIFICATIONS
Analog Bandwidth
The analog input frequency at which the spectral power of the
fundamental frequency (as determined by the FFT analysis) is
reduced by 3 dB. The bandwidth is determined by the internal
track-and-hold when the filter node is resonated.
Aperture Delay
The delay between the 50% point of the rising edge of the
ENCODE command and the instant at which the analog input-
is sampled.
Aperture Uncertainty (Jitter)
The sample-to-sample variation in aperture delay.
Attenuator 3OIP
The third order intercept point of the front end of the AD6600.
It is the point at which the third order products would theoreti-
cally intercept the input signal level if the input level could increase
without bounds. This is measured using the ADC within the
AD6600 while the input is stimulated with dual tones in the
minimum attenuation (i.e., maximum gain) range.
Channel Isolation
The amount of signal leakage from one channel to the next
when one channel is driven with a full-scale input, and the other
channel is swept from –20 dBFS to –90 dBFS with a frequency
offset. The leakage is measured on the side with the smaller signal.
Differential Analog Input Resistance, Differential Analog
Input Capacitance and Differential Analog Input Impedance
The real and complex impedances measured at each analog
input port. The resistance is measured statically and the capaci-
tance and differential input impedances are measured with a
network analyzer.
Differential Analog Input Voltage Range
The peak-to-peak differential voltage that must be applied to the
converter to generate a full-scale response. Peak differential
voltage is computed by observing the voltage on a single pin and
subtracting the voltage from the other pin, which is 180 degrees
out of phase. Peak-to-peak differential is computed by rotating
the inputs phase 180 degrees and taking the peak measurement
again. The difference is then computed between both peak
measurements.
Differential Nonlinearity
The deviation of any code width from an ideal 1 LSB step.
Differential Resonant Port Resistance
The resistance shunted across the resonant port (nominally
630
Ω). Used to determine the filter bandwidth and gain of
that stage.
Encode Pulsewidth/Duty Cycle
Pulsewidth high is the minimum amount of time that the
ENCODE pulse should be left in logic “1” state to achieve rated
performance; pulsewidth low is the minimum time ENCODE
pulse should be left in low state. See timing implications of
changing tENCH in text. At a given clock rate, these specifications
define an acceptable Encode duty cycle.
Full-Scale Gain Tolerance
Unit-to-unit variation in full-scale input power.
Full-Scale Input Power
Expressed in dBm. Computed using the following equation:
Power
V
Z
FULL SCALE
FULL SCALE rms
INPUT
=
10
0 001
2
log
.
Gain Matching (Input A:B)
Variation in full-scale power between A and B inputs.
Harmonic Distortion, 2nd
The ratio of the rms signal amplitude to the rms value of the
second harmonic component, reported in dBc.
Harmonic Distortion, 3rd
The ratio of the rms signal amplitude to the rms value of the
third harmonic component, reported in dBc.
Integral Nonlinearity
The deviation of the transfer function from a reference line
measured in fractions of 1 LSB using a “best straight line”
determined by a least square curve fit.
Minimum Conversion Rate
The encode rate at which the SNR of the lowest analog signal fre-
quency drops by no more than 3 dB below the guaranteed limit.
Maximum Conversion Rate
The encode rate at which parametric testing is performed.
Noise (For Any Range Within the ADC)
VZ
NOISE
FS
SNR
Signal
dBm
dBc
dBFS
=×
×
−−


0 001 10
10
.
where:
Z
is the input impedance,
FS
is the full-scale of the device for the frequency in question,
SNR is the value for the particular input level,
Signal is the signal level within the ADC reported in dB below
full scale. This value includes both thermal and quanti-
zation noise.
Range-Range Gain Tolerance
The gain error in the RSSI attenuator ladder from one range to
the next.
Range-Range Phase Tolerance
The phase error in the RSSI attenuator ladder from one range
to the next.
Differential Resonant Port Capacitance
The capacitance between the two resonant pins. Used to deter-
mine filter bandwidth and resonant frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com