Electronic Components Datasheet Search
  English  ▼

X  

AD6600 Datasheet(PDF) 3 Page - Analog Devices

Part # AD6600
Description  Dual Channel, Gain-Ranging
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6600 Datasheet(HTML) 3 Page - Analog Devices

  AD6600 Datasheet HTML 1Page - Analog Devices AD6600 Datasheet HTML 2Page - Analog Devices AD6600 Datasheet HTML 3Page - Analog Devices AD6600 Datasheet HTML 4Page - Analog Devices AD6600 Datasheet HTML 5Page - Analog Devices AD6600 Datasheet HTML 6Page - Analog Devices AD6600 Datasheet HTML 7Page - Analog Devices AD6600 Datasheet HTML 8Page - Analog Devices AD6600 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
REV. 0
–2–
AD6600–SPECIFICATIONS
DC SPECIFICATIONS
Test
AD6600AST
Parameter
Temp
Level
Min
Typ
Max
Unit
ANALOG INPUTS (AIN,
AIN/BIN, BIN)
Differential Analog Input Voltage Range1
Full
V
2.0
V p-p
Differential Analog Input Resistance
2
Full
IV
160
200
240
Ω
Differential Analog Input Capacitance
25
°C
V
1.5
pF
PEAK DETECTOR (Internal), RSSI
Resolution
3
Bits
RSSI Gain Step
Full
V
6
dB
RSSI Hysteresis
3
Full
V
6
dB
RESONANT PORT (FLT,
FLT)
Differential Port Resistance
Full
V
630
Ω
Differential Port Capacitance
Full
V
1.75
pF
A/D CONVERTER
Resolution
Full
IV
11
Bits
ENCODE INPUTS (ENC,
ENC)
Differential Input Voltage (AC-Coupled)
4
Full
IV
0.4
V p-p
Differential Input Resistance
25
°CV
11
k
Ω
Differential Input Capacitance
25
°C
V
2.5
pF
A/B MODE INPUTS (A_SEL, B_SEL)
5
Input High Voltage Range
Full
IV
4.75
5.25
V
Input Low Voltage Range
Full
IV
0.0
0.5
V
POWER SUPPLY
Supply Voltages
AVCC
Full
II
4.75
5.0
5.25
V
DVCC
Full
IV
3.0
3.3
5.25
V
Supply Current
IAVCC (AVCC = 5.0 V)
Full
II
145
182
mA
IDVCC (DVCC = 3.3 V)
Full
II
15
20
mA
POWER CONSUMPTION
6
Full
II
775
976
mW
NOTES
1Analog Input Range is a function of input frequency. See ac specifications for 70 MHz–250 MHz inputs.
2Analog Input Impedance is a function of input frequency. See ac specifications for 70 MHz–450 MHz inputs.
3Six dB of digital hysteresis is used to eliminate level uncertainty at the RSSI threshold points due to noise and amplitude variations.
4Encode inputs should be ac-coupled and driven differentially. See Encoding the AD6600 for details.
5A_SEL and B_SEL should be tied directly to ground or AVCC.
6Maximum power consumption is computed as maximum current at nominal supplies.
Specifications subject to change without notice.
DIGITAL SPECIFICATIONS
Test
AD6600AST
Parameter
Temp
Level
Min
Typ
Max
Unit
LOGIC OUTPUTS (D10–D0, AB_OUT, RSSI2–0)
1
Logic Compatibility
CMOS
Logic “1” Voltage (DVCC = 3.3 V)
Full
II
2.8
DVCC – 0.2
V
Logic “0” Voltage (DVCC = 3.3 V)
Full
II
0.2
0.5
V
Logic “1” Voltage (DVCC = 5.0 V)
Full
IV
4.0
DVCC – 0.35
V
Logic “0” Voltage (DVCC = 5.0 V)
Full
IV
0.35
0.5
V
Output Coding (D10–D0)
Two’s Complement
CLK2
× OUTPUT1, 2
Logic “1” Voltage (DVCC = 3.3 V)
Full
II
2.8
DVCC – 0.2
V
Logic “0” Voltage (DVCC = 3.3 V)
Full
II
0.2
0.5
V
Logic “1” Voltage (DVCC = 5.0 V)
Full
IV
4.0
DVCC – 0.3
V
Logic “0” Voltage (DVCC = 5.0 V)
Full
IV
0.35
0.5
V
NOTES
1Digital output load is one LCX gate.
2CLK2
× output voltage levels, high and low, tested at switching rate of 10 MHz.
Specifications subject to change without notice.
(AVCC = 5 V, DVCC = 3.3 V; TMIN = –40 C, TMAX = +85 C unless otherwise noted.)
(AVCC = 5 V, DVCC = 3.3 V; TMIN = –40 C, TMAX = +85 C unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com