Electronic Components Datasheet Search
  English  ▼

X  

AD6600 Datasheet(PDF) 9 Page - Analog Devices

Part # AD6600
Description  Dual Channel, Gain-Ranging
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6600 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD6600 Datasheet HTML 5Page - Analog Devices AD6600 Datasheet HTML 6Page - Analog Devices AD6600 Datasheet HTML 7Page - Analog Devices AD6600 Datasheet HTML 8Page - Analog Devices AD6600 Datasheet HTML 9Page - Analog Devices AD6600 Datasheet HTML 10Page - Analog Devices AD6600 Datasheet HTML 11Page - Analog Devices AD6600 Datasheet HTML 12Page - Analog Devices AD6600 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
REV. 0
AD6600
–8–
ABSOLUTE MAXIMUM RATINGS
1
Parameter
Min Max
Unit
ELECTRICAL
AVCC Voltage
0
7
V
DVCC Voltage
0
7
V
Analog Input Voltage2
0
AVCC V
Analog Input Current
2
25
mA
Digital Input Voltage
3
0
AVCC V
Output Current4
4mA
Resonant Port Voltage
5
0
AVCC V
ENVIRONMENTAL6
Operating Temperature Range
(Ambient)
–40 +85
°C
Maximum Junction Temperature
150
°C
Lead Temperature (Soldering, 10 sec)
300
°C
Storage Temperature Range (Ambient)
–65 +150
°C
NOTES
1Absolute maximum ratings are limiting values to be applied individually, and
beyond which the serviceability of the circuit may be impaired. Functional
operability is not necessarily implied. Exposure to absolute maximum rating
conditions for an extended period of time may affect device reliability.
2Pins AIN,
AIN, BIN, BIN.
3Pins ENC,
ENC, A_SEL, B_SEL.
4Pins D10:0, RSSI2:0, AB_OUT, CLK2
×.
5Pins FLT,
FLT.
6Typical thermal impedance (44-lead LQFP);
θ
JC = 16
°C/W, θ
JA = 55
°C/W.
EXPLANATION OF TEST LEVELS
Test Level
I.
100% Production Tested.
II. 100% Production Tested at 25
°C and guaranteed by design
and characterization at temperature extremes.
IV. Parameter is guaranteed by design and characterization
testing.
V. Parameter is a typical value only.
ORDERING GUIDE
Temperature Package
Package
Model
Range
Description
Option
AD6600AST
–40
°C to
44-Terminal LQFP ST-44
+85
°C
(Low-Profile Quad
(Ambient)
Plastic Flatpack)
AD6600ST/PCB
Evaluation Board
with AD6600AST
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD6600 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are recom-
mended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com