Electronic Components Datasheet Search
  English  ▼

X  

AD6600 Datasheet(PDF) 7 Page - Analog Devices

Part # AD6600
Description  Dual Channel, Gain-Ranging
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6600 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD6600 Datasheet HTML 3Page - Analog Devices AD6600 Datasheet HTML 4Page - Analog Devices AD6600 Datasheet HTML 5Page - Analog Devices AD6600 Datasheet HTML 6Page - Analog Devices AD6600 Datasheet HTML 7Page - Analog Devices AD6600 Datasheet HTML 8Page - Analog Devices AD6600 Datasheet HTML 9Page - Analog Devices AD6600 Datasheet HTML 10Page - Analog Devices AD6600 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
REV. 0
–6–
AD6600–SPECIFICATIONS
AC SPECIFICATIONS (continued)
Test
AD6600AST
Parameter
Temp
Level
Min
Typ
Max
Unit
ANALOG INPUTS (Continued)
Signal-to-Noise Ratio (Continued)
AIN = 200 MHz
@ –1 dBFS
25
°C
I
55
57.5
dB
@ –6 dBFS
25
°C
V
53.5
dB
@ –10 dBFS
25
°C
I
45
49
dB
@ –12 dBFS to –42 dBFS
25
°C
I
40.5
48
±6dB
@ –54 dBFS
25
°C
I
31
34
dB
AIN = 250 MHz
@ –1 dBFS
25
°CIV
52
56
dB
@ –6 dBFS
25
°C
V
53.5
dB
@ –10 dBFS
25
°CIV
43
49
dB
@ –12 dBFS to –42 dBFS
25
°C
IV
40
48
±6dB
@ –54 dBFS
25
°CIV
30
34
dB
SECOND HARMONIC
AIN = 70 MHz
@ –1 dBFS
Full
V
69
dBc
@ –6 dBFS
Full
V
68
dBc
@ –12 dBFS to –42 dBFS
Full
V
68
±6
dBc
AIN = 150 MHz
@ –1 dBFS
Full
V
60
dBc
@ –6 dBFS
Full
V
59
dBc
@ –12 dBFS to –42 dBFS
Full
V
67
±6
dBc
AIN = 200 MHz9, 10, 11
@ –1 dBFS
25
°C
I
50
60
dBc
@ –6 dBFS
Full
V
56
dBc
@ –10 dBFS
25
°C
I
48
55
dBc
@ –12 dBFS to –42 dBFS
Full
V
65
±6
dBc
@ –54 dBFS
Full
V
50
dBc
AIN = 250 MHz
@ –1 dBFS
Full
V
54
dBc
@ –6 dBFS
Full
V
62
dBc
@ –12 dBFS to –42 dBFS
Full
V
65
±6
dBc
THIRD HARMONIC
AIN = 70 MHz
@ –1 dBFS
Full
V
77
dBc
@ –6 dBFS
Full
V
76
dBc
@ –12 dBFS to –42 dBFS
Full
V
67
±6
dBc
AIN = 150 MHz
@ –1 dBFS
Full
V
65
dBc
@ –6 dBFS
Full
V
70
dBc
@ –12 dBFS to –42 dBFS
Full
V
66
±6
dBc
AIN = 200 MHz
9, 10, 11
@ –1 dBFS
25
°C
I
50
55
dBc
@ –6 dBFS
Full
V
58
dBc
@ –10 dBFS
25
°C
I
55
66
dBc
@ –12 dBFS to –42 dBFS
Full
V
65
±6
dBc
@ –54 dBFS
Full
V
62
dBc
AIN = 250 MHz
@ –1 dBFS
Full
V
50
dBc
@ –6 dBFS
Full
V
56
dBc
@ –12 dBFS to –42 dBFS
Full
V
65
±6
dBc
AIN = 70 MHz–250 MHz
@ –75 dBFS
Full
IV
28
35
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com