Electronic Components Datasheet Search
  English  ▼

X  

AD6655 Datasheet(PDF) 56 Page - Analog Devices

Part # AD6655
Description  IF Diversity Receiver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6655 Datasheet(HTML) 56 Page - Analog Devices

Back Button AD6655 Datasheet HTML 52Page - Analog Devices AD6655 Datasheet HTML 53Page - Analog Devices AD6655 Datasheet HTML 54Page - Analog Devices AD6655 Datasheet HTML 55Page - Analog Devices AD6655 Datasheet HTML 56Page - Analog Devices AD6655 Datasheet HTML 57Page - Analog Devices AD6655 Datasheet HTML 58Page - Analog Devices AD6655 Datasheet HTML 59Page - Analog Devices AD6655 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 85 page
background image
Data Sheet
AD6655
Rev. B | Page 55 of 84
MEMORY MAP REGISTER DESCRIPTION
For more information on functions controlled in Register 0x00
to Register 0xFF, see Application Note AN-877, Interfacing to
High Speed ADCs via SPI, at www.analog.com. Note that not all
test modes are supported on the AD6655.
SYNC Control (Register 0x100)
Bit 7—Signal Monitor Sync Enable
Bit 7 enables the sync pulse from the external sync input to the
signal monitor block. The sync signal is passed when Bit 7 and
Bit 0 are high. This is continuous sync mode.
Bit 6—Half-Band Next Sync Only
If the master sync enable bit (Register 0x100, Bit 0) and the half-
band sync enable bit (Register 0x100, Bit 5) are high, Bit 6 allows
the NCO32 to synchronize following the first sync pulse it
receives and ignore the rest. If Bit 6 is set, Bit 5 of Register
0x100 resets after this sync occurs.
Bit 5—Half-Band Sync Enable
Bit 5 gates the sync pulse to the half-band filter. When Bit 5
is set high, the sync signal causes the half-band to resynchro-
nize, starting at the half-band decimation phase selected in
Register 0x103, Bit 3. This sync is active only when the master
sync enable bit (Register 0x100, Bit 0) is high. This is continuous
sync mode.
Bit 4—NCO32 Next Sync Only
If the master sync enable bit (Register 0x100, Bit 0) and the
NCO32 sync enable bit (Register 0x100, Bit 3) are high, Bit 4
allows the NCO32 to synchronize following the first sync pulse it
receives and ignore the rest. Bit 3 of Register 0x100 resets after
a sync occurs if Bit 4 is set.
Bit 3—NCO32 Sync Enable
Bit 3 gates the sync pulse to the 32-bit NCO. When this bit is set
high, the sync signal causes the NCO to resynchronize, starting
at the NCO phase offset value. This sync is active only when the
master sync enable bit (Register 0x100, Bit 0) is high. This is
continuous sync mode.
Bit 2—Clock Divider Next Sync Only
If the master sync enable bit (Register 0x100, Bit 0) and the
clock divider sync enable bit (Register 0x100, Bit 1) are high,
Bit 2 allows the clock divider to synchronize following the first
sync pulse it receives and ignores the rest. Bit 1 of Register 0x100
resets after it synchronizes.
Bit 1—Clock Divider Sync Enable
Bit 1 gates the sync pulse to the clock divider. The sync signal
is passed when Bit 1 and Bit 0 are high. This is continuous
sync mode.
Bit 0—Master Sync Enable
Bit 0 must be high to enable any of the sync functions.
fS/8 Output Mix Control (Register 0x101)
Bits[7:6]—Reserved
Bits[5:4]—fS/8 Start State
Bit 5 and Bit 4 set the starting phase of the fS/8 output mix.
Bits[3:2]—Reserved
Bit 1—fS/8 Next Sync Only
If the master sync enable bit (Register 0x100, Bit 0) and the fS/8
sync enable bit (Register 0x101, Bit 0) are high, Bit 1 allows the
fS/8 output mix to synchronize following the first sync pulse it
receives and ignore the rest. Bit 0 of Register 0x100 resets after it
synchronizes.
Bit 0—fS/8 Sync Enable
Bit 0 gates the sync pulse to the fS/8 output mix. This sync is
active only when the master sync enable bit (Register 0x100,
Bit 0) is high. This is continuous sync mode.
FIR Filter and Output Mode Control (Register 0x102)
Bits[7:4]—Reserved
Bit 3—FIR Gain
When Bit 3 is set high, the FIR filter path, if enabled, has a gain
of 1. When Bit 3 set low, the FIR filter path has a gain of 2.
Bit 2—fS/8 Output Mix Disable
Bit 2 disables the fS/8 output mix when enabled. Bit 2 should be
set along with Bit 1 to enable complex output mode.
Bit 1—Complex Output Mode Enable
Setting Bit 1 high enables complex output mode.
Bit 0—FIR Filter Enable
When set high, Bit 0 enables the FIR filter. When Bit 0 is
cleared, the FIR filter is bypassed and shut down for power
savings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com