Electronic Components Datasheet Search
  English  ▼

X  

AD6655 Datasheet(PDF) 25 Page - Analog Devices

Part # AD6655
Description  IF Diversity Receiver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6655 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD6655 Datasheet HTML 21Page - Analog Devices AD6655 Datasheet HTML 22Page - Analog Devices AD6655 Datasheet HTML 23Page - Analog Devices AD6655 Datasheet HTML 24Page - Analog Devices AD6655 Datasheet HTML 25Page - Analog Devices AD6655 Datasheet HTML 26Page - Analog Devices AD6655 Datasheet HTML 27Page - Analog Devices AD6655 Datasheet HTML 28Page - Analog Devices AD6655 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 85 page
background image
AD6655
Data Sheet
Rev. B | Page 24 of 84
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = 1.8 V, DVDD = 1.8 V, DRVDD = 1.8 V, sample rate = 150 MSPS, DCS enabled, 1.0 V internal reference, 2 V p-p differential
input, VIN = −1.0 dBFS, 64k sample, TA = 25°C, NCO enabled, FIR filter enabled, unless otherwise noted. In the FFT plots that follow,
the location of the second and third harmonics is noted when they fall in the pass band of the filter.
0
–20
–40
–60
–80
–100
–120
–140
0
35
30
25
20
15
10
5
FREQUENCY (MHz)
150MSPS
2.4MHz @ –1dBFS
SNR = 74.7dBc (75.7dBFS)
SFDR = 86.5dBc
fNCO = 18.75MHz
SECOND HARMONIC
THIRD HARMONIC
Figure 19. AD6655-150 Single-Tone FFT with fIN = 2.4 MHz, fNCO = 18.75 MHz
0
–20
–40
–60
–80
–100
–120
–140
0
35
30
25
20
15
10
5
FREQUENCY (MHz)
150MSPS
30.3MHz @ –1dBFS
SNR = 74.8dBc (75.8dBFS)
SFDR = 100dBc
fNCO = 24MHz
Figure 20. AD6655-150 Single-Tone FFT with fIN = 30.3 MHz, fNCO = 24 MHz
0
–20
–40
–60
–80
–100
–120
–140
0
35
30
25
20
15
10
5
FREQUENCY (MHz)
150MSPS
140.1MHz @ –1dBFS
SNR = 74.3dBc (75.3dBFS)
SFDR = 83.3dBc
fNCO = 56MHz
THIRD HARMONIC
Figure 21. AD6655-150 Single-Tone FFT with fIN = 70.1 MHz, fNCO = 56 MHz
0
–20
–40
–60
–80
–100
–120
–140
0
35
30
25
20
15
10
5
FREQUENCY (MHz)
150MSPS
140.1MHz @ –1dBFS
SNR = 73.7dBc (74.7dBFS)
SFDR = 82.8dBc
fNCO = 126MHz
SECOND HARMONIC
THIRD HARMONIC
Figure 22. AD6655-150 Single-Tone FFT with fIN = 140.1 MHz,
fNCO = 126 MHz
0
–20
–40
–60
–80
–100
–120
–140
0
35
30
25
20
15
10
5
FREQUENCY (MHz)
150MSPS
220.1MHz @ –1dBFS
SNR = 71.8dBc (72.8dBFS)
SFDR = 81.4dBc
fNCO = 205MHz
THIRD HARMONIC
Figure 23. AD6655-150 Single-Tone FFT with fIN = 220.1 MHz,
fNCO = 205 MHz
0
–20
–40
–60
–80
–100
–120
–140
0
35
30
25
20
15
10
5
FREQUENCY (MHz)
150MSPS
332.1MHz @ –1dBFS
SNR = 71.7dBc (72.7dBFS)
SFDR = 95.0dBc
fNCO = 321.5MHz
Figure 24. AD6655-150 Single-Tone FFT with fIN = 332.1 MHz,
fNCO = 321.5 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com