Electronic Components Datasheet Search
  English  ▼

X  

AD6655 Datasheet(PDF) 26 Page - Analog Devices

Part # AD6655
Description  IF Diversity Receiver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6655 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD6655 Datasheet HTML 22Page - Analog Devices AD6655 Datasheet HTML 23Page - Analog Devices AD6655 Datasheet HTML 24Page - Analog Devices AD6655 Datasheet HTML 25Page - Analog Devices AD6655 Datasheet HTML 26Page - Analog Devices AD6655 Datasheet HTML 27Page - Analog Devices AD6655 Datasheet HTML 28Page - Analog Devices AD6655 Datasheet HTML 29Page - Analog Devices AD6655 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 85 page
background image
Data Sheet
AD6655
Rev. B | Page 25 of 84
0
–20
–40
–60
–80
–100
–120
–140
0
35
30
25
20
15
10
5
FREQUENCY (MHz)
150MSPS
445.1MHz @ –1dBFS
SNR = 67.4dBc (65.4dBFS)
SFDR = 74.1dBc
fNCO = 429MHz
SECOND HARMONIC
THIRD HARMONIC
Figure 25. AD6655-150 Single-Tone FFT with fIN = 445.1 MHz, fNCO = 429 MHz
0
–20
–40
–60
–80
–100
–120
–140
0
30
25
20
15
10
5
FREQUENCY (MHz)
125MSPS
2.4MHz @ –1dBFS
SNR = 74.5dBc (75.5dBFS)
SFDR = 87.8dBc
fNCO = 15.75MHz
SECOND HARMONIC
THIRD HARMONIC
Figure 26. AD6655-125 Single-Tone FFT with fIN =2.4 MHz, fNCO = 15.75 MHz
0
–20
–40
–60
–80
–100
–120
–140
0
30
25
20
15
10
5
FREQUENCY (MHz)
125MSPS
30.3MHz @ –1dBFS
SNR = 74.7dBc (75.7dBFS)
SFDR = 89.6dBc
fNCO = 21MHz
THIRD
HARMONIC
Figure 27. AD6655-125 Single-Tone FFT with fIN = 30.3 MHz, fNCO = 21 MHz
0
–20
–40
–60
–80
–100
–120
–140
0
30
25
20
15
10
5
FREQUENCY (MHz)
125MSPS
70.3MHz @ –1dBFS
SNR = 74.6dBc (75.6dBFS)
SFDR = 86.1dBc
fNCO = 78MHz
THIRD HARMONIC
Figure 28. AD6655-125 Single-Tone FFT with fIN = 70.3 MHz, fNCO = 78 MHz
0
–20
–40
–60
–80
–100
–120
–140
0
30
25
20
15
10
5
FREQUENCY (MHz)
125MSPS
140.1MHz @ –1dBFS
SNR = 74.1dBc (75.1dBFS)
SFDR = 90.3dBc
fNCO = 142MHz
THIRD HARMONIC
Figure 29. AD6655-125 Single-Tone FFT with fIN = 140.1 MHz, fNCO = 142 MHz
0
–20
–40
–60
–80
–100
–120
–140
0
30
25
20
15
10
5
FREQUENCY (MHz)
125MSPS
220.1MHz @ –1dBFS
SNR = 73.4dBc (74.4dBFS)
SFDR = 90.2dBc
fNCO = 231MHz
Figure 30. AD6655-125 Single-Tone FFT with fIN = 220.1 MHz, fNCO = 231 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com