Electronic Components Datasheet Search
  English  ▼

X  

AD6655 Datasheet(PDF) 9 Page - Analog Devices

Part # AD6655
Description  IF Diversity Receiver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6655 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD6655 Datasheet HTML 5Page - Analog Devices AD6655 Datasheet HTML 6Page - Analog Devices AD6655 Datasheet HTML 7Page - Analog Devices AD6655 Datasheet HTML 8Page - Analog Devices AD6655 Datasheet HTML 9Page - Analog Devices AD6655 Datasheet HTML 10Page - Analog Devices AD6655 Datasheet HTML 11Page - Analog Devices AD6655 Datasheet HTML 12Page - Analog Devices AD6655 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 85 page
background image
AD6655
Data Sheet
Rev. B | Page 8 of 84
ADC AC SPECIFICATIONS—AD6655-125/AD6655-150
AVDD = 1.8 V, DVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference,
DCS enabled, NCO enabled, half-band filter enabled, FIR filter enabled, unless otherwise noted.
Table 4.
Parameter1
Temperature
AD6655-125
AD6655-150
Unit
Min
Typ
Max
Min
Typ
Max
SIGNAL-TO-NOISE-RATIO (SNR)
fIN = 2.4 MHz
25°C
74.7
74.6
dB
fIN = 70 MHz
25°C
74.6
74.5
dB
Full
73.0
72.5
dB
fIN = 140 MHz
25°C
74.2
73.9
dB
fIN = 220 MHz
25°C
73.3
73.0
dB
WORST SECOND OR THIRD HARMONIC
fIN = 2.4 MHz
25°C
−86
−85
dBc
fIN = 70 MHz
25°C
−85
−84
dBc
Full
−73
−73
dBc
fIN = 140 MHz
25°C
−84
−83
dBc
fIN = 220 MHz
25°C
−83
−77
dBc
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 2.4 MHz
25°C
86
85
dBc
fIN = 70 MHz
25°C
85
80
dBc
Full
73
73
dBc
fIN = 140 MHz
25°C
84
76
dBc
fIN = 220 MHz
25°C
83
74
dBc
WORST OTHER HARMONIC OR SPUR2
fIN = 2.4 MHz
25°C
−92
−87
dBc
fIN = 70 MHz
25°C
−90
−80
dBc
Full
−82
−80
dBc
fIN = 140 MHz
25°C
−88
−76
dBc
fIN = 220 MHz
25°C
−84
−74
dBc
TWO-TONE SFDR
fIN = 29.12 MHz, 32.12 MHz (−7 dBFS)
25°C
85
85
dBc
fIN = 169.12 MHz, 172.12 MHz (−7 dBFS)
25°C
81
81
dBc
CROSSTALK3
Full
95
95
dB
ANALOG INPUT BANDWIDTH
25°C
650
650
MHz
1
See Application Note AN-835, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions.
2
See the Applications Information section for more information about the worst other specifications for the AD6655.
3
Crosstalk is measured at 100 MHz with −1 dBFS on one channel and with no input on the alternate channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com