Electronic Components Datasheet Search
  English  ▼

X  

PCI7420 Datasheet(PDF) 44 Page - Texas Instruments

Part # PCI7420
Description  DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7420 Datasheet(HTML) 44 Page - Texas Instruments

Back Button PCI7420 Datasheet HTML 40Page - Texas Instruments PCI7420 Datasheet HTML 41Page - Texas Instruments PCI7420 Datasheet HTML 42Page - Texas Instruments PCI7420 Datasheet HTML 43Page - Texas Instruments PCI7420 Datasheet HTML 44Page - Texas Instruments PCI7420 Datasheet HTML 45Page - Texas Instruments PCI7420 Datasheet HTML 46Page - Texas Instruments PCI7420 Datasheet HTML 47Page - Texas Instruments PCI7420 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 248 page
background image
2–23
Table 2–19. Smart Card Terminals (Sockets A and B)
TERMINAL
NAME
NUMBER
I/O
DESCRIPTION
NAME
SOCKET A
SOCKET B
I/O
DESCRIPTION
SC_CLK
B08
H17
O
Smart Card clock. The PCI7x20 device drives a 3-MHz clock to the Smart Card interface
when enabled.
SC_FCB
E08
G18
I
Smart Card function code. The PCI7x20 device does not support synchronous Smart
Cards as specified in ISO/IEC 7816-10, and this terminal is in a high-impedance state
when an UltraMedia Smart Card adapter has been inserted.
SC_GPIO0
C07
F19
I/O
SC_GPIO1
B06
F17
I/O
SC_GPIO2
A05
G15
I/O
SC_GPIO3
B05
E18
I/O
Smart Card general-purpose I/O terminals. These signals can be controlled by firmware
SC_GPIO4
C05
F15
I/O
Smart Card general ur ose I/O terminals. These signals can be controlled by firmware
and are used as control signals for an external Smart Card interface chip or level shifter.
SC_GPIO5
E06
C19
I/O
g
SC_GPIO6
A03
D17
I/O
SC_GPIO7
B03
F14
I/O
SC_IO
B07
H15
I/O
Smart Card input/output. This terminal is the input/output terminal for the character
exchange between the PCI7x20 device and the Smart Cards.
SC_RFU
E09
H19
I
Smart Card reserved. This terminal is in a high-impedance state when an UltraMedia
Smart Card adapter has been inserted.
SC_RST
A07
G17
O
Smart Card reset. This signal starts and stops the Smart Card reset sequence. The
PCI7x20 device asserts this reset when requested by the host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com