Electronic Components Datasheet Search
  English  ▼

X  

PCI7420 Datasheet(PDF) 19 Page - Texas Instruments

Part # PCI7420
Description  DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7420 Datasheet(HTML) 19 Page - Texas Instruments

Back Button PCI7420 Datasheet HTML 15Page - Texas Instruments PCI7420 Datasheet HTML 16Page - Texas Instruments PCI7420 Datasheet HTML 17Page - Texas Instruments PCI7420 Datasheet HTML 18Page - Texas Instruments PCI7420 Datasheet HTML 19Page - Texas Instruments PCI7420 Datasheet HTML 20Page - Texas Instruments PCI7420 Datasheet HTML 21Page - Texas Instruments PCI7420 Datasheet HTML 22Page - Texas Instruments PCI7420 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 248 page
background image
1–4
•
PC Card Standard (Release 8.0)
•
PCI Bus Power Management Interface Specification (Revision 1.1)
•
Serial Bus Protocol 2 (SBP-2)
•
Serialized IRQ Support for PCI Systems
•
PCI Mobile Design Guide
•
PCI Bus Power Management Interface Specification for PCI to CardBus Bridges
•
PCI14xx Implementation Guide for D3 Wake-Up
•
PCI to PCMCIA CardBus Bridge Register Description
•
Texas Instruments TPS2226 product data sheet, SLVS317
•
Texas Instruments TPS2228 product data sheet, SLVS419
•
PCI Local Bus Specification (Revision 2.3)
•
PCMCIA Proposal (262)
•
The Multimedia Card System Specification, Version 3.2, January 2002
•
MMC/SD/SDIO Host Controller Functional Specification WMU_020_2 Version 1.5
•
SD Memory Card Specifications, SD Group, March 2000
•
Memory Stick Standard, Format Specification, Version 2.0
•
Memory Stick Format Specification, Version 2.0 (MS-Pro)
•
Memory Stick I/F Specification
•
ISO Standards for Identification Cards ISO/IEC 7816
1.4
Trademarks
Intel is a trademark of Intel Corporation.
TI and MicroStar BGA are trademarks of Texas Instruments.
FireWire is a trademark of Apple Computer, Inc.
i.LINK is a trademark of Sony Corporation of America.
Memory Stick is a trademark of Sony Kabushiki Kaisha TA Sony Corporation, Japan.
Other trademarks are the property of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com