| Electronic Components Datasheet Search |
|
PCI7420 Datasheet(PDF) 18 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCI7420 Datasheet(HTML) 18 Page - Texas Instruments |
|
18 / 248 page ![]() 1–3 • Serial ROM interface for loading subsystem ID and subsystem vendor ID • ExCA-compatible registers are mapped in memory or I/O space • Intel 82365SL-DF register compatible • Supports ring indicate, SUSPEND, and PCI CCLKRUN protocol and PCI bus Lock (LOCK) • Provides VGA/palette memory and I/O, and subtractive decoding options, LED activity terminals • Fully interoperable with FireWire and i.LINK implementations of IEEE Std 1394 • Full IEEE Std 1394a-2000 support includes: connection debounce, arbitrated short reset, multispeed concatenation, arbitration acceleration, fly-by concatenation, and port disable/suspend/resume • Power-down features to conserve energy in battery-powered applications include: automatic device power down during suspend, PCI power management for link-layer, and inactive ports powered down, ultralow-power sleep mode • Two IEEE Std 1394a-2000 fully compliant cable ports at 100M bits/s, 200M bits/s, and 400M bits/s • Cable ports monitor line conditions for active connection to remote node • Cable power presence monitoring • Separate cable bias (TPBIAS) for each port • Physical write posting of up to three outstanding transactions • PCI burst transfers and deep FIFOs to tolerate large host latency • External cycle timer control for customized synchronization • Extended resume signaling for compatibility with legacy DV components • PHY-Link logic performs system initialization and arbitration functions • PHY-Link encode and decode functions included for data-strobe bit level encoding • PHY-Link incoming data resynchronized to local clock • Node power class information signaling for system power management • Register bits give software control of contender bit, power class bits, link active control bit, and IEEE Std 1394a-2000 features • Isochronous receive dual-buffer mode • Out-of-order pipelining for asynchronous transmit requests • Register access fail interrupt when the PHY SCLK is not active • PCI power-management D0, D1, D2, and D3 power states • Initial bandwidth available and initial channels available registers • PME support per 1394 Open Host Controller Interface Specification • Advanced submicron, low-power CMOS technology 1.3 Related Documents • Advanced Configuration and Power Interface (ACPI) Specification (Revision 2.0) • 1394 Open Host Controller Interface Specification (Release 1.1) • IEEE Standard for a High Performance Serial Bus (IEEE Std 1394-1995) • IEEE Standard for a High Performance Serial Bus—Amendment 1 (IEEE Std 1394a-2000) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |