Electronic Components Datasheet Search
  English  ▼

X  

PCI7420 Datasheet(PDF) 12 Page - Texas Instruments

Part # PCI7420
Description  DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7420 Datasheet(HTML) 12 Page - Texas Instruments

Back Button PCI7420 Datasheet HTML 8Page - Texas Instruments PCI7420 Datasheet HTML 9Page - Texas Instruments PCI7420 Datasheet HTML 10Page - Texas Instruments PCI7420 Datasheet HTML 11Page - Texas Instruments PCI7420 Datasheet HTML 12Page - Texas Instruments PCI7420 Datasheet HTML 13Page - Texas Instruments PCI7420 Datasheet HTML 14Page - Texas Instruments PCI7420 Datasheet HTML 15Page - Texas Instruments PCI7420 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 248 page
background image
xiii
6–1
CardBus Socket Registers
6–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6–2
Socket Event Register Description
6–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6–3
Socket Mask Register Description
6–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6–4
Socket Present State Register Description
6–4
. . . . . . . . . . . . . . . . . . . . . . . . .
6–5
Socket Force Event Register Description
6–6
. . . . . . . . . . . . . . . . . . . . . . . . . .
6–6
Socket Control Register Description
6–7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6–7
Socket Power Management Register Description
6–8
. . . . . . . . . . . . . . . . . . .
7–1
Function 2 Configuration Register Map
7–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
7–2
Command Register Description
7–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7–3
Status Register Description
7–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7–4
Class Code and Revision ID Register Description
7–5
. . . . . . . . . . . . . . . . . . .
7–5
Latency Timer and Class Cache Line Size Register Description
7–5
. . . . . . .
7–6
Header Type and BIST Register Description
7–6
. . . . . . . . . . . . . . . . . . . . . . . .
7–7
OHCI Base Address Register Description
7–6
. . . . . . . . . . . . . . . . . . . . . . . . . .
7–8
TI Base Address Register Description
7–7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7–9
CardBus CIS Base Address Register Description
7–8
. . . . . . . . . . . . . . . . . . .
7–10
Subsystem Identification Register Description
7–9
. . . . . . . . . . . . . . . . . . . . . .
7–11
Interrupt Line Register Description
7–10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7–12
PCI Interrupt Pin Register—Read-Only INTPIN Per Function
7–10
. . . . . . . . .
7–13
Minimum Grant and Maximum Latency Register Description
7–11
. . . . . . . . .
7–14
OHCI Control Register Description
7–11
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7–15
Capability ID and Next Item Pointer Registers Description
7–12
. . . . . . . . . . . .
7–16
Power Management Capabilities Register Description
7–13
. . . . . . . . . . . . . . .
7–17
Power Management Control and Status Register Description
7–14
. . . . . . . . .
7–18
Power Management Extension Registers Description
7–14
. . . . . . . . . . . . . . . .
7–19
PCI Miscellaneous Configuration Register
7–15
. . . . . . . . . . . . . . . . . . . . . . . . .
7–20
Link Enhancement Control Register Description
7–16
. . . . . . . . . . . . . . . . . . . .
7–21
Subsystem Access Register Description
7–17
. . . . . . . . . . . . . . . . . . . . . . . . . . .
7–22
GPIO Control Register Description
7–18
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8–1
OHCI Register Map
8–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8–2
OHCI Version Register Description
8–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8–3
GUID ROM Register Description
8–5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8–4
Asynchronous Transmit Retries Register Description
8–6
. . . . . . . . . . . . . . . .
8–5
CSR Control Register Description
8–7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8–6
Configuration ROM Header Register Description
8–8
. . . . . . . . . . . . . . . . . . . .
8–7
Bus Options Register Description
8–9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8–8
Configuration ROM Mapping Register Description
8–11
. . . . . . . . . . . . . . . . . . .
8–9
Posted Write Address Low Register Description
8–11
. . . . . . . . . . . . . . . . . . . .
8–10
Posted Write Address High Register Description
8–12
. . . . . . . . . . . . . . . . . . . .
8–11
Host Controller Control Register Description
8–13
. . . . . . . . . . . . . . . . . . . . . . . .
8–12
Self-ID Count Register Description
8–15
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8–13
Isochronous Receive Channel Mask High Register Description
8–16
. . . . . . .
8–14
Isochronous Receive Channel Mask Low Register Description
8–17
. . . . . . . .
8–15
Interrupt Event Register Description
8–18
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com