Electronic Components Datasheet Search
  English  ▼

X  

PCI7420 Datasheet(PDF) 94 Page - Texas Instruments

Part # PCI7420
Description  DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7420 Datasheet(HTML) 94 Page - Texas Instruments

Back Button PCI7420 Datasheet HTML 90Page - Texas Instruments PCI7420 Datasheet HTML 91Page - Texas Instruments PCI7420 Datasheet HTML 92Page - Texas Instruments PCI7420 Datasheet HTML 93Page - Texas Instruments PCI7420 Datasheet HTML 94Page - Texas Instruments PCI7420 Datasheet HTML 95Page - Texas Instruments PCI7420 Datasheet HTML 96Page - Texas Instruments PCI7420 Datasheet HTML 97Page - Texas Instruments PCI7420 Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 248 page
background image
4–17
4.28 PC Card 16-Bit I/F Legacy-Mode Base-Address Register
The PCI7x20 device supports the index/data scheme of accessing the ExCA registers, which is mapped by this
register. An address written to this register is the address for the index register and the address+1 is the data address.
Using this access method, applications requiring index/data ExCA access can be supported. The base address can
be mapped anywhere in 32-bit I/O space on a word boundary; hence, bit 0 is read-only, returning 1 when read. As
specified in the PCI to PCMCIA CardBus Bridge Register Description specification, this register is shared by functions
0 and 1. See the ExCA register set description in Section 5 for register offsets. All bits in this register are reset by
GRST only.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
PC Card 16-bit I/F legacy-mode base-address
Type
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
PC Card 16-bit I/F legacy-mode base-address
Type
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
Register:
PC Card 16-bit I/F legacy-mode base-address
Offset:
44h (Functions 0, 1)
Type:
Read-only, Read/Write
Default:
0000 0001h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com