Electronic Components Datasheet Search
  English  ▼

X  

PCI7420 Datasheet(PDF) 11 Page - Texas Instruments

Part # PCI7420
Description  DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7420 Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCI7420 Datasheet HTML 7Page - Texas Instruments PCI7420 Datasheet HTML 8Page - Texas Instruments PCI7420 Datasheet HTML 9Page - Texas Instruments PCI7420 Datasheet HTML 10Page - Texas Instruments PCI7420 Datasheet HTML 11Page - Texas Instruments PCI7420 Datasheet HTML 12Page - Texas Instruments PCI7420 Datasheet HTML 13Page - Texas Instruments PCI7420 Datasheet HTML 14Page - Texas Instruments PCI7420 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 248 page
background image
xii
4–1
Bit Field Access Tag Descriptions
4–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–2
Functions 0 and 1 PCI Configuration Register Map
4–1
. . . . . . . . . . . . . . . . . .
4–3
Command Register Description
4–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–4
Status Register Description
4–5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–5
Secondary Status Register Description
4–9
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–6
Interrupt Pin Register Cross Reference
4–14
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–7
Bridge Control Register Description
4–15
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–8
System Control Register Description
4–18
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–9
General Control Register Description
4–21
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–10
General-Purpose Event Status Register Description
4–22
. . . . . . . . . . . . . . . . .
4–11
General-Purpose Event Enable Register Description
4–23
. . . . . . . . . . . . . . . .
4–12
General-Purpose Input Register Description
4–23
. . . . . . . . . . . . . . . . . . . . . . . .
4–13
General-Purpose Output Register Description
4–24
. . . . . . . . . . . . . . . . . . . . . .
4–14
Multifunction Routing Status Register Description
4–25
. . . . . . . . . . . . . . . . . . .
4–15
Retry Status Register Description
4–26
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–16
Card Control Register Description
4–27
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–17
Device Control Register Description
4–28
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–18
Diagnostic Register Description
4–29
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–19
Power Management Capabilities Register Description
4–31
. . . . . . . . . . . . . . .
4–20
Power Management Control/Status Register Description
4–32
. . . . . . . . . . . . .
4–21
Power Management Control/Status Bridge Support Extensions
Register Description
4–33
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–22
Serial Bus Data Register Description
4–34
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–23
Serial Bus Index Register Description
4–34
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–24
Serial Bus Slave Address Register Description
4–35
. . . . . . . . . . . . . . . . . . . . .
4–25
Serial Bus Control/Status Register Description
4–36
. . . . . . . . . . . . . . . . . . . . . .
5–1
ExCA Registers and Offsets
5–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5–2
ExCA Identification and Revision Register Description
5–5
. . . . . . . . . . . . . . .
5–3
ExCA Interface Status Register Description
5–6
. . . . . . . . . . . . . . . . . . . . . . . .
5–4
ExCA Power Control Register Description—82365SL Support
5–7
. . . . . . . .
5–5
ExCA Power Control Register Description—82365SL-DF Support
5–7
. . . . .
5–6
ExCA Interrupt and General Control Register Description
5–8
. . . . . . . . . . . .
5–7
ExCA Card Status-Change Register Description
5–9
. . . . . . . . . . . . . . . . . . . .
5–8
ExCA Card Status-Change Interrupt Configuration
Register Description
5–10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5–9
ExCA Address Window Enable Register Description
5–11
. . . . . . . . . . . . . . . .
5–10
ExCA I/O Window Control Register Description
5–12
. . . . . . . . . . . . . . . . . . . . .
5–11
ExCA Memory Windows 0–4 Start-Address High-Byte
Registers Description
5–16
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5–12
ExCA Memory Windows 0–4 End-Address High-Byte
Registers Description
5–18
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5–13
ExCA Memory Windows 0–4 Offset-Address High-Byte
Registers Description
5–20
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5–14
ExCA Card Detect and General Control Register Description
5–21
. . . . . . . . .
5–15
ExCA Global Control Register Description
5–22
. . . . . . . . . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com