Electronic Components Datasheet Search
  English  ▼

X  

PCI7420 Datasheet(PDF) 93 Page - Texas Instruments

Part # PCI7420
Description  DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7420 Datasheet(HTML) 93 Page - Texas Instruments

Back Button PCI7420 Datasheet HTML 89Page - Texas Instruments PCI7420 Datasheet HTML 90Page - Texas Instruments PCI7420 Datasheet HTML 91Page - Texas Instruments PCI7420 Datasheet HTML 92Page - Texas Instruments PCI7420 Datasheet HTML 93Page - Texas Instruments PCI7420 Datasheet HTML 94Page - Texas Instruments PCI7420 Datasheet HTML 95Page - Texas Instruments PCI7420 Datasheet HTML 96Page - Texas Instruments PCI7420 Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 248 page
background image
4–16
Table 4–7. Bridge Control Register Description (Continued)
BIT
SIGNAL
TYPE
FUNCTION
0
CPERREN
RW
CardBus parity error response enable. This bit controls the response of the PCI7x20 to CardBus parity
errors. This bit is separate for each socket.
0 = CardBus parity errors are ignored (default).
1 = CardBus parity errors are reported using CPERR.
4.26 Subsystem Vendor ID Register
The subsystem vendor ID register, used for system and option card identification purposes, may be required for
certain operating systems. This register is read-only or read/write, depending on the setting of bit 5 (SUBSYSRW)
in the system control register (PCI offset 80h, See Section 4.29). When bit 5 is 0, this register is read/write; when bit 5
is 1, this register is read-only. The default mode is read-only. All bits in this register are reset by GRST only.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Subsystem vendor ID
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Subsystem vendor ID
Offset:
40h (Functions 0, 1)
Type:
Read-only, (Read/Write when bit 5 in the system control register is 0)
Default:
0000h
4.27 Subsystem ID Register
The subsystem ID register, used for system and option card identification purposes, may be required for certain
operating systems. This register is read-only or read/write, depending on the setting of bit 5 (SUBSYSRW) in the
system control register (PCI offset 80h, see Section 4.29). When bit 5 is 0, this register is read/write; when bit 5 is
1, this register is read-only. The default mode is read-only. All bits in this register are reset by GRST only.
If an EEPROM is present, then the subsystem ID and subsystem vendor ID is loaded from the EEPROM after a reset.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Subsystem ID
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Subsystem ID
Offset:
42h (Functions 0, 1)
Type:
Read-only, (Read/Write when bit 5 in the system control register is 0)
Default:
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com