Electronic Components Datasheet Search
  English  ▼

X  

AD9957 Datasheet(PDF) 36 Page - Analog Devices

Part # AD9957
Description  1 GSPS Quadrature Digital Upconverter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957 Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9957 Datasheet HTML 32Page - Analog Devices AD9957 Datasheet HTML 33Page - Analog Devices AD9957 Datasheet HTML 34Page - Analog Devices AD9957 Datasheet HTML 35Page - Analog Devices AD9957 Datasheet HTML 36Page - Analog Devices AD9957 Datasheet HTML 37Page - Analog Devices AD9957 Datasheet HTML 38Page - Analog Devices AD9957 Datasheet HTML 39Page - Analog Devices AD9957 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 62 page
background image
Data Sheet
AD9957
Rev. E | Page 35 of 61
TERMINATION
REF_CLK
DIFFERENTIAL SOURCE,
DIFFERENTIAL INPUT.
SINGLE-ENDED SOURCE,
DIFFERENTIAL INPUT.
SINGLE-ENDED SOURCE,
SINGLE-ENDED INPUT.
90
91
0.1µF
0.1µF
PECL,
LVPECL,
OR
LVDS
DRIVER
REF_CLK
90
91
50Ω
0.1µF
0.1µF
BALUN
(1:1)
REF_CLK
REF_CLK
REF_CLK
REF_CLK
90
91
0.1µF
0.1µF
50Ω
Figure 49. Direct Connection Diagram
PHASE-LOCKED LOOP (PLL) MULTIPLIER
An internal phase-locked loop (PLL) provides users of the
AD9957 the option to use a reference clock frequency that is
significantly lower than the system clock frequency. The PLL
supports a wide range of programmable frequency multiplica-
tion factors (12× to 127×) as well as a programmable charge
pump current and external loop filter components (connected
via the PLL_LOOP_FILTER pin). These features add an extra
layer of flexibility to the PLL, allowing optimization of phase
noise performance and flexibility in frequency plan develop-
ment. The PLL is also equipped with a PLL_LOCK pin.
The PLL output frequency range (fSYSCLK) is constrained to the
range of 420 MHz ≤ fSYSCLK ≤ 1 GHz by the internal VCO. In
addition, the user must program the VCO to one of six operating
ranges such that fSYSCLK falls within the specified range. Figure 50
and Figure 51 summarize these VCO ranges.
Figure 50 shows the boundaries of the VCO frequency ranges
over the full range of temperature and supply voltage variation
for all devices from the available population. The implication is
that multiple devices chosen at random from the population and
operated under widely varying conditions may require different
values to be programmed into CFR3<26:24> to operate at the
same frequency. For example, Part A chosen randomly from the
population, operating in an ambient temperature of −10°C with
a system clock frequency of 900 MHz may require CFR3<26:24>
to be set to 100b. Whereas Part B chosen randomly from the
population, operating in an ambient temperature of 90°C with a
system clock frequency of 900 MHz may require CFR3<26:24>
to be set to 101b. If a frequency plan is chosen such that the
system clock frequency operates within one set of boundaries
(as shown in Figure 51), the required value in CFR3<26:24> is
consistent from part to part.
Figure 51 shows the boundaries of the VCO frequency ranges
over the full range of temperature and supply voltage variation
for an individual device selected from the population. Figure 51
shows that the VCO frequency ranges for a single device always
overlap when operated over the full range of conditions.
In conclusion, if a user wants to retain a single default value for
CFR3<26:24>, a frequency that falls into one of the ranges
found in Figure 50 should be selected. Additionally, for any
given individual device, the VCO frequency ranges overlap,
meaning that any given device exhibits no gaps in its frequency
coverage across VCO ranges over the full range of conditions.
VCO0
VCO1
VCO2
VCO3
VCO4
VCO5
395
495
595
695
795
895
995
FLOW = 400
FHIGH = 460
FLOW = 455
FHIGH = 530
FLOW = 530
FHIGH = 615
FLOW = 760
FHIGH = 875
FLOW = 920
FHIGH = 1030
FLOW = 650
FHIGH = 790
(MHz)
Figure 50. VCO Ranges Including Atypical Wafer Process Skew
335
435
535
635
735
835
935
1035
1135
VCO0
VCO1
VCO2
VCO3
VCO4
VCO5
FLOW = 342
FHIGH = 522
FLOW = 402
FHIGH = 602
FLOW = 469
FHIGH = 709
FLOW = 574
FHIGH = 904
(MHz)
FLOW = 646
FHIGH = 966
FLOW = 810
FHIGH = 1180
Figure 51. Typical VCO Ranges
Table 7. VCO Range Bit Settings
VCO SEL Bits
(CFR3<26:24>)
VCO Range
000
VCO0
001
VCO1
010
VCO2
011
VCO3
100
VCO4
101
VCO5
110
PLL Bypassed
111
PLL Bypassed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com