Electronic Components Datasheet Search
  English  ▼

X  

AD9957 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9957
Description  1 GSPS Quadrature Digital Upconverter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9957 Datasheet HTML 8Page - Analog Devices AD9957 Datasheet HTML 9Page - Analog Devices AD9957 Datasheet HTML 10Page - Analog Devices AD9957 Datasheet HTML 11Page - Analog Devices AD9957 Datasheet HTML 12Page - Analog Devices AD9957 Datasheet HTML 13Page - Analog Devices AD9957 Datasheet HTML 14Page - Analog Devices AD9957 Datasheet HTML 15Page - Analog Devices AD9957 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 62 page
background image
Data Sheet
AD9957
Rev. E | Page 11 of 61
Pin No.
Mnemonic
I/O1
Description
59
I/O_UPDATE
I/O
Input/Output Update; Digital Input Or Output (Active High), Depending on the Internal
I/O Update Active Bit. A high on this pin indicates a transfer of the contents of the I/O
buffers to the corresponding internal registers.
60
OSK
I
Output Shift Keying, Digital Input (Active High). When using OSK (manual or automatic),
this pin controls the OSK function. See the Output Shift Keying (OSK) section of the data
sheet for details. When not using OSK, tie this pin high.
67
SDIO
I/O
Serial Data Input/Output, Digital Input/Output (Active High). This pin can be either
unidirectional or bidirectional (default), depending on configuration settings. In
bidirectional serial port mode, this pin acts as the serial data input and output. In
unidirectional, it is an input only.
68
SDO
O
Serial Data Output, Digital Output (Active High). This pin is only active in unidirectional
serial data mode. In this mode, it functions as the output. In bidirectional mode, this pin is
not operational and must be left floating.
69
SCLK
I
Serial Data Clock. Digital clock (rising edge on write, falling edge on read). This pin
provides the serial data clock for the control data path. Write operations to the AD9957
use the rising edge. Readback operations from the AD9957 use the falling edge.
70
CS
I
Chip Select, Digital Input (Active Low). Bringing this pin low enables the AD9957 to detect
serial clock rising/falling edges. Bringing this pin high causes the AD9957 to ignore input
on the serial data pins.
71
I/O_RESET
I
Input/Output Reset. Digital input (active high). This pin can be used when a serial I/O
communication cycle fails (see the I/O_RESET—Input/Output Reset section for details).
When not used, connect this pin to ground.
80
IOUT
O
Open-Source DAC Complementary Output Source. Analog output, current mode. Connect
through 50 Ω to AGND.
81
IOUT
O
Open-Source DAC Output Source. Analog output, current mode. Connect through 50 Ω to
AGND.
84
DAC_RSET
O
Analog Reference Pin. This pin programs the DAC output full-scale reference current.
Attach a 10 kΩ resistor to AGND.
90
REF_CLK
I
Reference Clock Input. Analog input. See the REFCLK Overview section for more details.
91
REF_CLK
I
Complementary Reference Clock Input. Analog input. See the REFCLK Overview section
for more details.
94
REFCLK_OUT
O
Reference Clock Output. Analog output. See the REFCLK Overview section for more details.
95
XTAL_SEL
I
Crystal Select (1.8 V Logic). Analog input (active high). Driving the XTAL_SEL pin high enables
the internal oscillator to be used with a crystal resonator. If unused, connect it to AGND.
(EPAD)
Exposed Pad
(EPAD)
The EPAD should be soldered to ground.
1
I is input, O is output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com