Electronic Components Datasheet Search
  English  ▼

X  

AD9957 Datasheet(PDF) 59 Page - Analog Devices

Part # AD9957
Description  1 GSPS Quadrature Digital Upconverter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957 Datasheet(HTML) 59 Page - Analog Devices

Back Button AD9957 Datasheet HTML 54Page - Analog Devices AD9957 Datasheet HTML 55Page - Analog Devices AD9957 Datasheet HTML 56Page - Analog Devices AD9957 Datasheet HTML 57Page - Analog Devices AD9957 Datasheet HTML 58Page - Analog Devices AD9957 Datasheet HTML 59Page - Analog Devices AD9957 Datasheet HTML 60Page - Analog Devices AD9957 Datasheet HTML 61Page - Analog Devices AD9957 Datasheet HTML 62Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 59 / 62 page
background image
AD9957
Data Sheet
Rev. E | Page 58 of 61
Control Function Register 3 (CFR3)
Address 0x02, four bytes are assigned to this register.
Table 20. Bit Descriptions for CFR3 Register
Bit (s)
Mnemonic
Description
31:30
Open
29:28
DRV0
Controls REFCLK_OUT pin (see Table 6 for details); default is 01b.
27
Open
26:24
VCO SEL
Selects frequency band of the VCO in the REFCLK PLL (see Table 7 for details); default is 111b.
23:22
Open
21:19
ICP
Selects the charge pump current in the REFCLK PLL (see Table 8 for details); default is 111b.
18:16
Open
15
REFCLK Input Divider
Bypass
0: input divider is selected (default).
1: input divider is bypassed.
14
REFCLK Input Divider
ResetB
0: input divider is reset.
1: input divider operates normally (default).
13:9
Open
8
PLL Enable
0: REFCLK PLL bypassed (default).
1: REFCLK PLL enabled.
7:1
N
This 7-bit number is divide modulus of the REFCLK PLL feedback divider; default is 0000000b.
0
Open
Auxiliary DAC Control Register
Address 0x03, four bytes are assigned to this register.
Table 21. Bit Descriptions for Auxiliary DAC Control Register
Bit(s)
Mnemonic
Description
31:8
Open
7:0
FSC
This 8-bit number controls the full-scale output current of the main DAC (see the Auxiliary DAC section);
default is 0xFF.
I/O Update Rate Register
Address 0x04, four bytes are assigned to this register. This register is effective without the need for an I/O update.
Table 22. Bit Descriptions for I/O Update Rate Register5
Bit(s)
Mnemonic
Description
31:0
I/O Update Rate
Ineffective unless CFR2<23> = 1. This 32-bit number controls the automatic I/O update rate (see the
Automatic I/O Update section); default is 0xFFFFFFFF.
RAM Segment Register 0
Address 0x05, six bytes are assigned to this register. This register is effective without the need for an I/O update. This register is only
active if CFR1<31> = 1 and there is a Logic 0-to-Logic 1 transition on the RT pin.
Table 23. Bit Descriptions for RAM Segment Register 0
Bit(s)
Mnemonic
Description
47:32
RAM Address Step
Rate 0
This 16-bit number controls the rate at which the RAM state machine steps through the specified RAM
address range.
31:22
RAM End Address 0
This 10-bit number identifies the ending address for the RAM state machine.
21:16
Open
15:6
RAM Start Address 0
This 10-bit number identifies the starting address for the RAM state machine.
5:3
Open
2:0
RAM Playback Mode 0
This 3-bit number identifies the playback mode for the RAM state machine (see Table 5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com